Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP Datasheet (PDF) - Vishay Siliconix

WSLP Datasheet PDF - Vishay Siliconix
Part # WSLP
Download  WSLP Download
File Size   141.95 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount

WSLP Datasheet (PDF)

Go To PDF Page Download Datasheet
WSLP Datasheet PDF - Vishay Siliconix

Part # WSLP
Download  WSLP Click to download

File Size   141.95 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount

WSLP Datasheet (HTML) - Vishay Siliconix


WSLP Product details

FEATURES
• Very high power to foot print size ratio (3 W in
2512, 2 W in 2010, 1 W in 1206, 0.5 W in 0805,
and 0.4 W in 0603 package)
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing, voltage division and pulse
applications
• Proprietary processing technique produces
extremely low resistance values (down to
0.0005 Ω)
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP VISHAY-WSLP Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP0603R0100FEB VISHAY-WSLP0603R0100FEB Datasheet
98Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
18-Apr-12
WSLP0805 VISHAY-WSLP0805 Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP0805 VISHAY-WSLP0805 Datasheet
153Kb / 4P
Power Metal Strip® Resistors, Very High Power (1 W), Low Value (Down to 0.005 Ω), Surface Mount
01-Oct-2020
WSLP08054L000DEA VISHAY-WSLP08054L000DEA Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
More results


Similar Description - WSLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL_13 Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2512R0100FEB VISHAY-WSL2512R0100FEB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSLP12065L000FEA VISHAY-WSLP12065L000FEA Datasheet
98Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (down to 0.0005 Ohm), Surface Mount
18-Apr-12
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R1000FEA VISHAY-WSL1206R1000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL2010R0200FEB VISHAY-WSL2010R0200FEB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSC0001825R0FEA VISHAY-WSC0001825R0FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com