Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSLP
Description  Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP Datasheet(HTML) 3 Page - Vishay Siliconix

  WSLP Datasheet HTML 1Page - Vishay Siliconix WSLP Datasheet HTML 2Page - Vishay Siliconix WSLP Datasheet HTML 3Page - Vishay Siliconix WSLP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WSLP
www.vishay.com
Vishay Dale
Upgrade for Wider Resistance Range to WFM
Revision: 09-Aug-2022
3
Document Number: 30122
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING
PULSE CAPABILITY
www.vishay.com/resistors/power-metal-strip-calculator
WELDED CONSTRUCTION
Notes
• Embossed carrier tape per EIA-481
(1) Additional packaging details at www.vishay.com/doc?20051
70
120
100
80
60
40
20
0
- 65 - 50
- 25
0
25
50
75
100
125
150
170
Ambient Temperature in °C
IILLLL
US
TR
AT
AA
IVE
PU
RRPP
OS
EESS
O
ON
LYY
LLLL
click to get started
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω)
)Short time overload
Refer to link for short time overload performance and pulse capability;
www.vishay.com/resistors/power-metal-strip-calculator/
± (0.5 % + 0.0005
Ω)
Low temperature operation
-65 °C for 24 h
± (0.5 % + 0.0005
Ω)
High temperature exposure
1000 h at +170 °C
± (1.0 % + 0.0005
Ω)
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.0005
Ω)
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω)
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω)
Load life
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω)
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω)
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± (0.5 % + 0.0005
Ω)
PACKAGING (1)
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES / REEL
CODE
WSLP0603
8 mm / punched paper
178 mm / 7"
5000
EA
WSLP0805
8 mm / punched paper
178 mm / 7"
5000
EA
WSLP1206
8 mm / embossed plastic
178 mm / 7"
4000
EA
WSLP2010
12 mm / embossed plastic
178 mm / 7"
4000
EA
WSLP2512
12 mm / embossed plastic
178 mm / 7"
2000
EA
2
1
3
4
Resistive element: solid metal nickel-chrome
or manganese-copper alloy resistive element
with low TCR (< 20 ppm/°C)
1
4
Silicone coating with ink print
3
Terminal / element weld
2
Terminal: solid copper, 100 % Sn (200 μ" min.)
with 100 % Ni (40 μ" min.) under layer finish



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com