Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLP
Description  Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLP Datasheet HTML 1Page - Vishay Siliconix WSLP Datasheet HTML 2Page - Vishay Siliconix WSLP Datasheet HTML 3Page - Vishay Siliconix WSLP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSLP
www.vishay.com
Vishay Dale
Upgrade for Wider Resistance Range to WFM
Revision: 09-Aug-2022
2
Document Number: 30122
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• “Temperature Coefficient of Resistance for Current Sensing” white paper: www.vishay.com/doc?30405
(1) Consult factory for detailed TCR performance across temperature range associated with PCN-DR-00003-2020 for WSLP0603. TCR
performance is improved for +25 °C to +155 °C
(2) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(3) Element TCR - only applies to the alloy used for the resistor element; refer to item 1 in the construction illustration on the following page
(4) Maximum working voltage - the WSL is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
DIMENSIONS
Notes
• 3D models available. WSLP models: www.vishay.com/doc?30313
• Surface-mount solder profile recommendations: www.vishay.com/doc?31052
Notes
(1) PCN-DR-00003-2020 changed terminal height for WSLP0603 from 0.013" ± 0.005" for clad construction to 0.016" ± 0.005" for welded
construction
(2) PCN-DR-000023-2021-REV-1 changed terminal height for WSLP0805 from 0.013" ± 0.005" for clad construction to 0.016" ± 0.005" for
welded construction
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
WSLP0603 (1)
WSLP0805 WSLP1206 WSLP2010 WSLP2512
Component temperature coefficient
(including terminal) (2)
TCR measured from -55 °C to +155 °C
ppm/°C
± 75 for 50 m
Ω to 100 mΩ
± 75 for 7 m
Ω to 500 mΩ
± 110 for 10 m
Ω to 49 mΩ
± 110 for 5 m
Ω to 6.9 mΩ
-
± 150 for 3 m
Ω to 4.9 mΩ
-
± 275 for 1 m
Ω to 2.9 mΩ
-
± 400 for 0.5 m
Ω to 0.99 mΩ
Element TCR (3)
ppm/°C
< 20
Operating temperature range
°C
-65 to +170
Maximum working voltage (4)
V(P x R)1/2
MODEL
RESISTANCE
RANGE
(Ω)
DIMENSIONS in inches (millimeters)
SOLDER PAD DIMENSIONS
in inches (millimeters)
LW
H
T
a
b
l
WSLP0603 (1)
0.01 to 0.1
0.060 ± 0.010
(1.52 ± 0.254)
0.030 ± 0.010
(0.76 ± 0.254)
0.016 ± 0.005
(0.406 ± 0.127)
0.015 ± 0.010
(0.381 ± 0.254)
0.040
(1.02)
0.040
(1.02)
0.020
(0.50)
WSLP0805 (2)
0.005 to 0.1
0.080 ± 0.010
(2.03 ± 0.254)
0.050 ± 0.010
(1.27 ± 0.254)
0.016 ± 0.005
(0.406 ± 0.127)
0.015 ± 0.010
(0.381 ± 0.254)
0.040
(1.02)
0.050
(1.27)
0.020
(0.50)
WSLP1206
0.0005 to 0.00099
0.126 ± 0.010
(3.20 ± 0.254)
0.063 ± 0.010
(1.60 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.041 ± 0.010
(1.04 ± 0.254)
0.089
(2.26)
0.076
(1.93)
0.023
(0.58)
0.001 to 0.0019
0.086
(2.18)
0.076
(1.93)
0.029
(0.74)
0.002 to 0.0059
0.025 ± 0.010
(0.635 ± 0.254)
0.070
(1.78)
0.076
(1.93)
0.061
(1.55)
0.006 to 0.050
0.020 ± 0.010
(0.508 ± 0.254)
0.065
(1.65)
0.076
(1.93)
0.071
(1.80)
WSLP2010
0.001 to 0.0069
0.200 ± 0.010
(5.08 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.058 ± 0.010
(1.47 ± 0.254)
0.093
(2.36)
0.120
(3.05)
0.055
(1.40)
0.007 to 0.03
0.020 ± 0.010
(0.508 ± 0.254)
0.055
(1.40)
0.130
(3.30)
WSLP2512
0.0005 to 0.00099
0.250 ± 0.010
(6.35 ± 0.254)
0.125 ± 0.010
(3.18 ± 0.254)
0.025 ± 0.010
(0.635 ± 0.254)
0.107 ± 0.010
(2.72 ± 0.254)
0.120
(3.05)
0.145
(3.68)
0.050
(1.27)
0.001 to 0.0049
0.087 ± 0.010
(2.21 ± 0.254)
0.005 to 0.0069
0.047 ± 0.010
(1.19 ± 0.254)
0.083
(2.11)
0.125
(3.18)
0.007 to 0.01
0.030 ± 0.010
(0.762 ± 0.254)
0.065
(1.65)
0.160
(4.06)
L
T
W
H
l
b
a
Typical sensing traces



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com