Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV90A702 Datasheet (PDF) - CML Microcircuits

EV90A702 Datasheet PDF - CML Microcircuits
Part # EV90A702
Download  EV90A702 Download
File Size   1835.12 Kbytes
Page   19 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)

EV90A702 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV90A702 Datasheet PDF - CML Microcircuits

Part # EV90A702
Download  EV90A702 Click to download

File Size   1835.12 Kbytes
Page   19 Pages
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits
Description CMX90A702 ● 28 GHz 5G Medium Power Amplifier (MPA)

EV90A702 Datasheet (HTML) - CML Microcircuits


EV90A702 Product details

Description
The CMX90A702 is a highly linear medium power
amplifier operating in Frequency Range 2 (FR2)
from 26.5 to 29.5 GHz, addressing the needs of
5G New Radio (NR) band n257 and n261.
CMX90A702 is a three-stage GaAs MMIC
amplifier delivering +25 dBm (0.3 W) of output
power at 1 dB gain compression, 21 dB of small
signal gain and +32.5 dBm output third order
intercept (OIP3). RF ports are matched to 50 Ω
with an integrated DC blocking capacitor at the
output.
The MPA is easy to monitor and control with an
on-chip temperature-compensated RF power
detector and fast-switching enable circuit.
Using an enhancement mode (E-mode) pHEMT
process ensures only positive supply voltages are
required, thus making single DC supply operation
possible.

Product Features
• Frequency range 26.5 – 29.5 GHz
• Small signal gain 21 dB
• Output P1dB +25 dBm (0.3 W)
• Power added efficiency 28 %
• EVM 4 % @ 18 dBm mean power
• Quiescent Supply +4 V @ 182 mA
• Vd applied either side of package

Applications
• 5G mmWave infrastructure
• Fixed wireless access (FWA)
• Repeaters & small cells
• 5G backhaul
• Customer premises equipment (CPE)
• Passive phased array antenna




Similar Part No. - EV90A702

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9000 CMLMICRO-EV9000 Datasheet
36Kb / 2P
The Product Data Amendment series of documents
EV90G301 CMLMICRO-EV90G301 Datasheet
1Mb / 16P
CMX90G301 1.4 – 7.1GHz Positive Gain-Slope Amplifier 1dB
September 2022
EV90G302 CMLMICRO-EV90G302 Datasheet
1Mb / 16P
CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
September 2022
More results


Similar Description - EV90A702

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA443 FILTRONIC-LMA443 Datasheet
106Kb / 2P
31 GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425 Datasheet
663Kb / 7P
18 - 28 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
EXP8603 IDT-EXP8603 Datasheet
538Kb / 2P
81 GHz ??86 GHz Medium Power Amplifier
logo
Custom MMIC Design Serv...
CMD217 MMIC-CMD217 Datasheet
200Kb / 8P
28-32 GHz GaN Power Amplifier
CMD262 MMIC-CMD262 Datasheet
199Kb / 8P
26-28 GHz GaN Power Amplifier
logo
Qorvo, Inc
CMD217 QORVO-CMD217 Datasheet
112Kb / 8P
28-32 GHz GaN Power Amplifier
More results




About CML Microcircuits


CML Microcircuits is a semiconductor company based in the United Kingdom that specializes in the design and manufacture of high-performance analog, mixed-signal, and radio frequency (RF) integrated circuits (ICs). The company was founded in 1968 and has since become a leading provider of ICs for the communications, industrial, and professional markets.

CML Microcircuits' products are used in a wide range of applications, including wireless communication systems, industrial automation, and test and measurement equipment. The company's ICs are known for their high quality, reliability, and performance, and are used by customers around the world.

CML Microcircuits has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the UK, USA, Singapore, and China, and serves customers in more than 50 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com