Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCRCW-IFE3 Datasheet (PDF) - Vishay Siliconix

DCRCW-IFE3 Datasheet PDF - Vishay Siliconix
Part # DCRCW-IFE3
Download  DCRCW-IFE3 Download
File Size   145.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Pulse Proof Thick Film Chip Resistors

DCRCW-IFE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCRCW-IFE3 Datasheet PDF - Vishay Siliconix

Part # DCRCW-IFE3
Download  DCRCW-IFE3 Click to download

File Size   145.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Pulse Proof Thick Film Chip Resistors

DCRCW-IFE3 Datasheet (HTML) - Vishay Siliconix


DCRCW-IFE3 Product details

FEATURES
• High pulse performance, up to 10 kW
• High pulse voltage up to 4 kV, 1.2 μs / 50 μs
• Stability at different environmental conditions
ΔR/R ≤ 1 % (1000 h rated power at 70 °C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• DC-DC converters
• On-board chargers
• Lighting ballasts
• Storage drivers




Similar Part No. - DCRCW-IFE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW-P VISHAY-DCRCW-P Datasheet
135Kb / 8P
Lead (Pb)-Bearing Thick Film, Rectangular, Semi-Precision Chip Resistors
04-Jul-2022
DCRCW-PE3 VISHAY-DCRCW-PE3 Datasheet
133Kb / 8P
Semi-Precision Thick Film Chip Resistors
04-Jul-2022
More results


Similar Description - DCRCW-IFE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
21-Mar-13
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
07-May-09
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
07-May-09
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
07-May-09
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
07-May-09
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
Pulse Proof, High Power Thick Film Chip Resistors
21-Mar-13
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
Pulse Proof, High Power Thick Film Chip Resistors
16-Sep-16
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
14-Sep-16
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
Pulse Proof, High Power Thick Film Chip Resistors
08-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com