Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N65G-TQ2-R Datasheet (PDF) - Unisonic Technologies

14N65G-TQ2-R Datasheet PDF - Unisonic Technologies
Part # 14N65G-TQ2-R
Download  14N65G-TQ2-R Download
File Size   396.63 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14A, 650V N-CHANNEL POWER MOSFET

14N65G-TQ2-R Datasheet (PDF)

Go To PDF Page Download Datasheet
14N65G-TQ2-R Datasheet PDF - Unisonic Technologies

Part # 14N65G-TQ2-R
Download  14N65G-TQ2-R Click to download

File Size   396.63 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 14A, 650V N-CHANNEL POWER MOSFET

14N65G-TQ2-R Datasheet (HTML) - Unisonic Technologies


14N65G-TQ2-R Product details

FEATURES
* RDS(ON) ≤ 0.7 Ω @ VGS=10V, ID=7.0A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 14N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N65K-MT UTC-14N65K-MT Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KG UTC-14N65KG Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KG-TF2-T UTC-14N65KG-TF2-T Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KL UTC-14N65KL Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KL-TF2-T UTC-14N65KL-TF2-T Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
More results


Similar Description - 14N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
N-Channel MOSFET 650V, 14A, 0.46(ohm)
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
Unisonic Technologies
14N60-ML UTC-14N60-ML Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N60-TC UTC-14N60-TC Datasheet
436Kb / 9P
14A, 600V N-CHANNEL POWER MOSFET
2020
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com