Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N65G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 14N65G-TQ2-R
Description  14A, 650V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N65G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  14N65G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 14N65G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
14N65-TC
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R205-452.C
14A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 14N65-TC are N-Channel enhancement mode
power field effect transistors (MOSFET) which are produced
using UTC
’s proprietary, planar stripe, DMOS technology.
These devices are suited for high efficiency switch mode
power supply. To minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the
avalanche and commutation mode the advanced technology has
been especially tailored.
FEATURES
* RDS(ON) ≤ 0.7 Ω @ VGS=10V, ID=7.0A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-263
1
1
TO-220F1
1
TO-220F3
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
14N65L-TF1-T
14N65G-TF1-T
TO-220F1
G
D
S
Tube
14N65L-TF3T-T
14N65G-TF3T-T
TO-220F3
G
D
S
Tube
14N65L-TQ2-T
14N65G-TQ2-T
TO-263
G
D
S
Tube
14N65L-TQ2-R
14N65G-TQ2-R
TO-263
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TF1: TO-220F1, TF3: TO-220F3, TQ2: TO-263
(3) G: Halogen Free and Lead Free, L: Lead Free
14N65G-TF1-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 14N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N65K-MT UTC-14N65K-MT Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KG UTC-14N65KG Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KG-TF2-T UTC-14N65KG-TF2-T Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KL UTC-14N65KL Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
14N65KL-TF2-T UTC-14N65KL-TF2-T Datasheet
190Kb / 5P
N-CHANNEL POWER MOSFET
More results

Similar Description - 14N65G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
N-Channel MOSFET 650V, 14A, 0.46(ohm)
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
Unisonic Technologies
14N60-ML UTC-14N60-ML Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N60-TC UTC-14N60-TC Datasheet
436Kb / 9P
14A, 600V N-CHANNEL POWER MOSFET
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com