Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3233 Datasheet (PDF) - Analog Devices

ADG3233 Datasheet PDF - Analog Devices
Part # ADG3233
Download  ADG3233 Download
File Size   380.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch

ADG3233 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3233 Datasheet PDF - Analog Devices

Part # ADG3233
Download  ADG3233 Click to download

File Size   380.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch

ADG3233 Datasheet (HTML) - Analog Devices


ADG3233 Product details

GENERAL DESCRIPTION
The ADG32331 is a bypass switch designed on a submicron
process that operates from supplies as low as 1.65 V. The device is guaranteed for operation over the supply range 1.65 V to 3.6 V. It operates from two supply voltages, allowing bidirectional level translation, that is, it translates low voltages to higher voltages and vice versa. The signal path is unidirectional, meaning data may only flow from A → Y.
This type of device may be used in applications that require a
bypassing function. It is ideally suited to bypassing devices in a JTAG chain or in a daisy-chain loop. One switch could be used for each device or a number of devices, thus allowing easy bypassing of one or more devices in a chain. This may be particularly useful in reducing the time overhead in testing
devices in the JTAG chain or in daisy-chain applications where
the user does not wish to change the settings of a particular device.
The bypass switch is packaged in two of the smallest footprints
available for its required pin count. The 8-lead SOT-23 package
requires only 2.9 mm × 2.8 mm board space, while the MSOP
package occupies approximately 3 mm × 4.9 mm board area.

FEATURES Operates from 1.65 V to 3.6 V supply rails Bidirectional level translation, unidirectional signal path
8-lead SOT-23 and MSOP packages
Bypass or normal operation
Short circuit protection

APPLICATIONS
JTAG chain bypassing
Daisy-chain bypassing
Digital switching




Similar Part No. - ADG3233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
ADG3233 AD-ADG3233 Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
More results


Similar Description - ADG3233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV.0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
4/05-Revision 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com