Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1385 Datasheet (PDF) - Renesas Technology Corp

F1385 Datasheet PDF - Renesas Technology Corp
Part # F1385
Download  F1385 Download
File Size   1232.44 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DPD Demodulator for PA Linearization 3200 to 4400 MHz

F1385 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1385 Datasheet PDF - Renesas Technology Corp

Part # F1385
Download  F1385 Click to download

File Size   1232.44 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DPD Demodulator for PA Linearization 3200 to 4400 MHz

F1385 Datasheet (HTML) - Renesas Technology Corp


F1385 Product details

Features
Wide flat performance IF BW
Wide RF BW (~ 1.2 GHz)
Ideal for Multi-Carrier Systems
Drives ADC directly
Ultra linear +39 dBm OIP3
Excellent ACLR performance
100 Ω differential output impedance
Fully integrated DPD demodulator
6 x 6 mm 36-pin package
Standby Mode w/Fast Recovery
ICC: 210 mA




Similar Part No. - F1385

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F13853 CREE-F13853 Datasheet
3Mb / 64P
Florence series
logo
Ledil, Inc.
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
More results


Similar Description - F1385

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
A43 MACOM-A43_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
DPD Demodulator for PA Linearization
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
logo
M/A-COM Technology Solu...
A43 MA-COM-A43_15 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 3200 MHz
logo
Integrated Device Techn...
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com