Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL76683 Datasheet (PDF) - Renesas Technology Corp

ISL76683 Datasheet PDF - Renesas Technology Corp
Part # ISL76683
Download  ISL76683 Download
File Size   950.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and

ISL76683 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL76683 Datasheet PDF - Renesas Technology Corp

Part # ISL76683
Download  ISL76683 Click to download

File Size   950.92 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and

ISL76683 Datasheet (HTML) - Renesas Technology Corp


ISL76683 Product details

• Range select with I2C
- Range 1 = 0 lux to 1000 lux
- Range 2 = 0 lux to 4000 lux
- Range 3 = 0 lux to 16000 lux
- Range 4 = 0 lux to 64000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• 16-bit resolution
• Adjustable sensitivity: up to 65 counts per lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• AEC-Q100 qualified
• Pb-free (RoHS compliant)
Applications
• Automotive ambient light sensing
• Backlight control
• Lighting controls




Similar Part No. - ISL76683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
January 31, 2011
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
480Kb / 17P
Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor
More results


Similar Description - ISL76683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
December 21, 2006
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
December 10, 2008
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
January 31, 2011
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com