Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0424 Datasheet (PDF) - Renesas Technology Corp

F0424 Datasheet PDF - Renesas Technology Corp
Part # F0424
Download  F0424 Download
File Size   2617.66 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Gain Broadband RF Amplifier 600MHz to 5000MHz

F0424 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0424 Datasheet PDF - Renesas Technology Corp

Part # F0424
Download  F0424 Click to download

File Size   2617.66 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Gain Broadband RF Amplifier 600MHz to 5000MHz

F0424 Datasheet (HTML) - Renesas Technology Corp


F0424 Product details

Features
 RF Range: 600MHz to 5000MHz
 Noise Figure = 2.3dB at 2600MHz
 Gain = 17.3dB at 2600MHz
 OIP3 = +40dBm at 2600MHz
 Output P1dB = +21dBm at 2600MHz
 Near-Constant Gain versus Temperature
 3.3V or 5V Power Supply
 ICC = 70mA
 2mA Standby Current
 350mW Typical DC Power at 5V Supply
 50Ω Input and Output Impedances
 Operating temperature (TEPAD) range: -40°C to +105°C
 2 × 2 mm, 8-DFN package




Similar Part No. - F0424

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F042 LITTELFUSE-F042 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
F042-ND LITTELFUSE-F042-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
More results


Similar Description - F0424

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
logo
Micrel Semiconductor
MICRF501 MICREL-MICRF501 Datasheet
141Kb / 18P
300MHz to 600MHz RadioWire??RF Transceiver
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
Broadband Variable Gain Amplifier
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
Broadband RF Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
Broadband Variable Gain Amplifier
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
F1490 RENESAS-F1490_V01 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com