Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1478 Datasheet (PDF) - Renesas Technology Corp

F1478 Datasheet PDF - Renesas Technology Corp
Part # F1478
Download  F1478 Download
File Size   21597.65 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Gain RF Amplifier 1.8GHz to 5.0GHz

F1478 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1478 Datasheet PDF - Renesas Technology Corp

Part # F1478
Download  F1478 Click to download

File Size   21597.65 Kbytes
Page   49 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Gain RF Amplifier 1.8GHz to 5.0GHz

F1478 Datasheet (HTML) - Renesas Technology Corp


F1478 Product details

Features
RF range: 1.8GHz to 5.0GHz
30.3dB typical gain at 3.55GHz
1.6dB NF at 3.55GHz
Adjustable OIP3 performance
+35.7dBm OIP3 at 3.55GHz and 140mA of bias current
+32.2dBm OIP3 at 3.55GHz and 100mA of bias current
Adjustable OP1dB performance
+23.6dBm OP1dB at 3.55GHz and 140mA of bias current
+22.8dBm OP1dB at 3.55GHz and 100mA of bias current
5V power supply
Adjustable ICC ranging from 80mA to 160mA
50Ω Single-ended Input and Output Impedances
1.8V Logic Compatible Standby Mode for Power Savings
Operating temperature (TEPAD) range: -40°C to +115°C
3 × 3 mm 16-VFQFPN package




Similar Part No. - F1478

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1470 LITTELFUSE-F1470 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
F1470-ND LITTELFUSE-F1470-ND Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
F1471 LITTELFUSE-F1471 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
Renesas Technology Corp
F1471 RENESAS-F1471 Datasheet
1Mb / 23P
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
logo
Littelfuse
F1471-ND LITTELFUSE-F1471-ND Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results


Similar Description - F1478

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
RF Micro Devices
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C Datasheet
275Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
logo
API Technologies Corp
QHB-5866 APITECH-QHB-5866 Datasheet
248Kb / 1P
RF Amplifier High Gain: 27.5 dB
QBS-8872 APITECH-QBS-8872 Datasheet
633Kb / 1P
RF Amplifier High Gain: 10.0 dB
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
F0424 RENESAS-F0424 Datasheet
2Mb / 24P
High-Gain Broadband RF Amplifier 600MHz to 5000MHz
February 13, 2020
F1490 RENESAS-F1490_V01 Datasheet
4Mb / 48P
High Gain RF Amplifier 1.8GHz to 6.4GHz
November 15, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com