Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBS-8872 Datasheet (PDF) - API Technologies Corp

QBS-8872 Datasheet PDF - API Technologies Corp
Part # QBS-8872
Download  QBS-8872 Download
File Size   633.54 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF Amplifier High Gain: 10.0 dB

QBS-8872 Datasheet (PDF)

Go To PDF Page Download Datasheet
QBS-8872 Datasheet PDF - API Technologies Corp

Part # QBS-8872
Download  QBS-8872 Click to download

File Size   633.54 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF Amplifier High Gain: 10.0 dB

QBS-8872 Datasheet (HTML) - API Technologies Corp




Similar Part No. - QBS-8872

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
QBS-158 SPECTRUM-QBS-158 Datasheet
43Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
QBS-158 APITECH-QBS-158 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
QBS-204 APITECH-QBS-204 Datasheet
39Kb / 1P
RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
QBS-227 SPECTRUM-QBS-227 Datasheet
37Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
QBS-227 APITECH-QBS-227 Datasheet
38Kb / 1P
RF AMPLIFIER MODEL
More results


Similar Description - QBS-8872

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
10.0 - 13.0 GHz Variable Gain Amplifier
logo
API Technologies Corp
QHB-5866 APITECH-QHB-5866 Datasheet
248Kb / 1P
RF Amplifier High Gain: 27.5 dB
logo
Pasternack Enterprises,...
PE15A4008 PASTERNACK-PE15A4008 Datasheet
503Kb / 6P
Power High Gain Amplifier, 3.5 dB NF, SMA
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
Power High Gain Amplifier, 2 dB NF, SMA
PE15A5002 PASTERNACK-PE15A5002 Datasheet
483Kb / 6P
Power High Gain Amplifier, 4 dB NF, SMA
PE15A5003 PASTERNACK-PE15A5003 Datasheet
478Kb / 6P
Power High Gain Amplifier, 3.5 dB NF, SMA
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
logo
Renesas Technology Corp
F1490 RENESAS-F1490 Datasheet
1Mb / 27P
High Gain RF Amplifier 1.8GHz to 5.0GHz
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
CATV 75 pHEMT High Gain RF Amplifier
logo
Renesas Technology Corp
F1478 RENESAS-F1478 Datasheet
21Mb / 49P
High Gain RF Amplifier 1.8GHz to 5.0GHz
March 29, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com