Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1792 Datasheet (PDF) - Renesas Technology Corp

F1792 Datasheet PDF - Renesas Technology Corp
Part # F1792
Download  F1792 Download
File Size   1764.5 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz

F1792 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1792 Datasheet PDF - Renesas Technology Corp

Part # F1792
Download  F1792 Click to download

File Size   1764.5 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz

F1792 Datasheet (HTML) - Renesas Technology Corp


F1792 Product details

Features
 RF range: 400MHz to 3800MHz
 LO range: 400MHz to 3600MHz
 IF Range: 50MHz to 600MHz
 4 Gain Settings; 11dB, 8dB, 5dB, 2dB
 2 bit gain step control
 Ideal for Multi-Carrier Systems
 +35dBm OIP3
 Low Noise Figure at any gain setting via Renesas’ FlatNoiseTM
technology
 Z = 200Ω IF balanced, 50Ω RF, 50Ω LO single-ended
 All internally matched. Single BOM for all RF, LO and IF
frequencies
 4 x 4 mm, 24-VFQFPN package
 Independent Path Standby mode
 75 nsec settling for gain adjustment
 VCC = 3.3V, 462mW, 373mW (low power mode)




Similar Part No. - F1792

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1792 IDT-F1792 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
F1792NLGI IDT-F1792NLGI Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
F1792NLGI8 IDT-F1792NLGI8 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
More results


Similar Description - F1792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
F1792 IDT-F1792 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com