Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1792 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1792 Datasheet HTML 1Page - Renesas Technology Corp F1792 Datasheet HTML 2Page - Renesas Technology Corp F1792 Datasheet HTML 3Page - Renesas Technology Corp F1792 Datasheet HTML 4Page - Renesas Technology Corp F1792 Datasheet HTML 5Page - Renesas Technology Corp F1792 Datasheet HTML 6Page - Renesas Technology Corp F1792 Datasheet HTML 7Page - Renesas Technology Corp F1792 Datasheet HTML 8Page - Renesas Technology Corp F1792 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RF Wideband Gain-Settable
Downconverting Mixer 400MHz to 3800MHz
F1792
Datasheet
© 2022 Renesas Electronics Corporation
1
February 9, 2022
Description
This document describes the specifications for the F1792
Wideband, Gain-Settable, Zero-DistortionTM Flat-NoiseTM, RF to
IF Downconverting Mixer.
The F1792 offers very low power consumption with excellent
linearity. In addition to this the F1792 has four dynamically
adjustable gain settings. The F1792 performance is exceptional
across an extremely broad range of RF and IF frequencies. All of
this makes it ideal for a myriad of applications including:
2G/3G/4G/5G/Multimode Remote Radio Units
Point to Point µWave Backhaul systems
Broadband Repeaters
Public Safety Infrastructure
Any radio system operating between 400MHz and 4000MHz
Competitive Advantage
F1792 offers maximum performance and flexibility at minimum
power consumption. The unique and patented settable-gain
feature allows it to be used in a very wide variety of radio card
applications, even allowing for dynamic adjustment of gain to
maximize performance on the fly. The extremely wide RF and IF
bandwidths are achieved using a fixed BOM, all RF matching is
internal to the device. The F1792 can function with as little as -6
dBm LO power. It also features a channel shutdown mode for
ease of integration into high order TDD systems.
Block Diagram
Figure 1. Functional Block Diagram
RFIN
LOIN
+
-
IFOUT
Features
RF range: 400MHz to 3800MHz
LO range: 400MHz to 3600MHz
IF Range: 50MHz to 600MHz
4 Gain Settings; 11dB, 8dB, 5dB, 2dB
2 bit gain step control
Ideal for Multi-Carrier Systems
+35dBm OIP3
Low Noise Figure at any gain setting via Renesas’ FlatNoiseTM
technology
Z = 200Ω IF balanced, 50Ω RF, 50Ω LO single-ended
All internally matched. Single BOM for all RF, LO and IF
frequencies
4 x 4 mm, 24-VFQFPN package
Independent Path Standby mode
75 nsec settling for gain adjustment
VCC = 3.3V, 462mW, 373mW (low power mode)
Band Performance Summary
RF Frequency (MHz)
900
1900
2600
3500
Gain (dB, max G11 setting) 11.0
10.8
10.3
9.0
Gain (dB, min G2 setting) 2.5
2.3
1.8
0.5
NF at max gain (dB)
8.9
8.7
10.0
10.9
IIP3 at min gain (dBm)
28
27
29
30
OIP3 at G8 (dBm)
37
34
35
35
IP1dB at min gain (dBm) 13.6
14.7
14.6
15.8
Pdiss (mW)
442
462
485
520


Similar Part No. - F1792

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1792 IDT-F1792 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
F1792NLGI IDT-F1792NLGI Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
F1792NLGI8 IDT-F1792NLGI8 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
More results

Similar Description - F1792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
F1792 IDT-F1792 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com