Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1792 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 20Page - Renesas Technology Corp F1792 Datasheet HTML 21Page - Renesas Technology Corp F1792 Datasheet HTML 22Page - Renesas Technology Corp F1792 Datasheet HTML 23Page - Renesas Technology Corp F1792 Datasheet HTML 24Page - Renesas Technology Corp F1792 Datasheet HTML 25Page - Renesas Technology Corp F1792 Datasheet HTML 26Page - Renesas Technology Corp F1792 Datasheet HTML 27Page - Renesas Technology Corp F1792 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
24
February 9, 2022
TOCs (-10-) Return Losses, Evaluation Kit Losses, STBY Settling Time
Figure 40. IF Port Return Loss vs. Gain Setting
Figure 41. RF Port Return Loss vs. LO Frequency
Figure 42. LO Port Return Loss vs. LO Power
Level
Figure 43. Evaluation Kit IF Transformer Loss vs.
Temperature
Figure 44. Evaluation Kit RF Trace Loss vs.
Temperature
Figure 45. STBY Settling Time
-30
-25
-20
-15
-10
-5
0
50
100
150
200
250
300
350
400
450
500
550
IF Frequency (MHz)
G=11dB / 25C amb
G=8dB / 25C amb
G=5dB / 25C amb
G=2dB / 25C amb
-25
-20
-15
-10
-5
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF (GHz)
LO Frequency = RF Freq +/- 200 MHz
LO Power = 0 dBm
-25
-20
-15
-10
-5
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
-5 dBm
0 dBm
+5 dBm
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
50
100
150
200
250
300
350
400
450
500
550
600
650
IF Frequency (MHz)
T = -40C
T = 25C
T = 105C
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8
RF Frequency (GHz)
T = -40C
T = 25C
T = 105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com