Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1792 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 9Page - Renesas Technology Corp F1792 Datasheet HTML 10Page - Renesas Technology Corp F1792 Datasheet HTML 11Page - Renesas Technology Corp F1792 Datasheet HTML 12Page - Renesas Technology Corp F1792 Datasheet HTML 13Page - Renesas Technology Corp F1792 Datasheet HTML 14Page - Renesas Technology Corp F1792 Datasheet HTML 15Page - Renesas Technology Corp F1792 Datasheet HTML 16Page - Renesas Technology Corp F1792 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
13
February 9, 2022
Thermal Characteristics
Table 12. Package Thermal and Moisture Characteristics
Symbol
Parameter
Value
Units
θJA
Theta JA. Junction to ambient.
45a
°C/W
θJC
Theta JC. Junction to case.
2.1
°C/W
-
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
-
Typical Performance Characteristics
Typical Operating Conditions (TOC)
Unless otherwise noted, the following apply to the Typ Ops Graphs
High Side Injection for RF frequencies below 1.2GHz
Low Side Injection for RF frequencies from 1.3 to 2.7 GHz
199MHz IF
800kHz Tone Spacing
All measurements fully de-embedded for trace, connector, transformer losses
Pin = -10dBm for Gain
Pout = 0 dBm/Tone for IP3
LO level = 0 dBm, VCC = 3.30V
Listed Temperatures are Case Temperature (TC = Case Temperature)
Where noted, TA or TAMB = Ambient Temperature]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com