Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1792 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1792
Description  RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1792 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1792 Datasheet HTML 17Page - Renesas Technology Corp F1792 Datasheet HTML 18Page - Renesas Technology Corp F1792 Datasheet HTML 19Page - Renesas Technology Corp F1792 Datasheet HTML 20Page - Renesas Technology Corp F1792 Datasheet HTML 21Page - Renesas Technology Corp F1792 Datasheet HTML 22Page - Renesas Technology Corp F1792 Datasheet HTML 23Page - Renesas Technology Corp F1792 Datasheet HTML 24Page - Renesas Technology Corp F1792 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
F1792 Datasheet
© 2022 Renesas Electronics Corporation
21
February 9, 2022
TOCs (-7-) Fixed LO = 1.1GHz, 1.7GHz, 2.25GHz, 3.13GHz – Gain
Figure 28. Gain vs. Temperature and Gain
Setting (LO=1.1GHz)
Figure 29. Gain vs. Temperature and Gain
Setting (LO=1.7GHz)
Figure 30. Gain vs. Temperature and Gain
Setting (LO=2.25GHz)
Figure 31. Gain vs. Temperature and Gain
Setting (LO=3.13GHz)
-6
-4
-2
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
400
450
500
550
600
IF Frequency (MHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
LO Frequency = 1.1 GHz
High Side Injection
-6
-4
-2
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
400
450
500
550
600
IF Frequency (MHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
LO Frequency = 1.7 GHz
Low Side Injection
-6
-4
-2
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
400
450
500
550
600
IF Frequency (MHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
LO Frequency = 2.25 GHz
Low Side Injection
-8
-6
-4
-2
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
IF Frequency (MHz)
G=11dB / -40C
G=11dB / 25C
G=11dB / 105C
G=8dB / -40C
G=8dB / 25C
G=8dB / 105C
G=5dB / -40C
G=5dB / 25C
G=5dB / 105C
G=2dB / -40C
G=2dB / 25C
G=2dB / 105C
LO Frequency = 3.13 GHz
Low Side Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com