Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6212AVGI Datasheet (PDF) - Renesas Technology Corp

F6212AVGI Datasheet PDF - Renesas Technology Corp
Part # F6212AVGI
Download  F6212AVGI Download
File Size   261.11 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz

F6212AVGI Datasheet (PDF)

Go To PDF Page Download Datasheet
F6212AVGI Datasheet PDF - Renesas Technology Corp

Part # F6212AVGI
Download  F6212AVGI Click to download

File Size   261.11 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Beam Rx Active Beamforming IC 17.7 – 21.2 GHz

F6212AVGI Datasheet (HTML) - Renesas Technology Corp


F6212AVGI Product details

Features
 17.7 – 21.2GHz operation
 Supports 4 dual-pol or 8 single-pol elements
 Two simultaneous and independent beam outputs
 Integrated Hi-Q transmit reject filter
 28dB typical channel gain
 26dB gain control with 0.45dB step size
 360° phase control with 6-bit resolution
 2.3V and 1V nominal supply inputs
 Standard 1.8V digital logic
 Temperature compensation
 Temperature sensor w/ digital readout
 Advanced digital modes with fast beam steering
 On-chip beam-state memory
 7.6  7.6  0.9 mm, 165-FCBGA
Typical Applications
 Phased array antennas
 Ka-Band SATCOM terminals
 Aerospace, maritime, and SOTM

Description
The F6212 is a 16-channel dual-beam receive active beamforming
RFIC multi-chip module designed for application in Ka-Band
SATCOM planar phased array antennas. The IC has eight RF input
ports, two RF output ports, and 16 (8 per beam) phase/amplitude
control channels. The eight input ports of the IC can be driven by
eight single-polarized elements or four dual-polarized elements of
an electronically scanned array (ESA). Each channel has 6 bits of
digital phase and gain control resolution spanning 360° and 26dB
of dynamic range, enabling precise beam pattern and polarization
control.
The IC operates from two supply rails of 2.1 - 2.5V and 0.95 - 1.05V
with a typical channel gain of 28dB. The chip includes power
management features such as a low-power standby mode,
independent enable controls on every channel, and a single-beam
mode activated via a dedicated control pin. An integrated Hi-Q
bandpass filter provides rejection of SATCOM Tx and 5G mmWave
signals, improving the dynamic range without additional power
consumption. The device SPI bus and control pins operate from
standard 1.8V logic at speeds up to 50MHz. Advanced digital
modes and large on-chip memory allow for < 100ns beam position
switching times at the array level, greatly reducing dead time and
latency.
Finally, the compact and CTE-matched FCBGA organic package
with all single-ended 50ohm matched RF ports and 0.5mm pitch
greatly simplifies the physical integration of these devices onto
large antenna panels.




Similar Part No. - F6212AVGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6202 RENESAS-F6202 Datasheet
252Kb / 3P
Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6202AVGI RENESAS-F6202AVGI Datasheet
252Kb / 3P
Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6202AVGI8 RENESAS-F6202AVGI8 Datasheet
252Kb / 3P
Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
F6202EVS RENESAS-F6202EVS Datasheet
252Kb / 3P
Single-beam Rx Active Beamforming IC 17.7 – 21.2 GHz
June 4, 2020
logo
Integrated Technology F...
F6222 ITF-F6222 Datasheet
169Kb / 7P
SAW Bandpass Filter F6222
More results


Similar Description - F6212AVGI

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8743 PASTERNACK-PE8743 Datasheet
316Kb / 2P
9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband
logo
Renesas Technology Corp
F6121 RENESAS-F6121 Datasheet
251Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7 ??12.75 GHz
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6521 RENESAS-F6521 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??14.5 GHz
F6522 RENESAS-F6522 Datasheet
131Kb / 3P
8-Ch Tx Active Beamforming IC 27.5 ??31.0 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6121 RENESAS-F6121_V01 Datasheet
189Kb / 3P
Dual-beam Rx Active Beamforming IC 10.7–12.75 GHz
May 26, 2021
F6122 RENESAS-F6122 Datasheet
244Kb / 3P
Dual-beam Rx Active Beamforming IC 17.7GHz – 21.2GHz
Nov 16, 2021
F6123 RENESAS-F6123 Datasheet
257Kb / 3P
Dual-beam Rx Active Beamforming IC 14.4 – 17.3 GHz
June 4, 2020
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com