Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM3131 Datasheet (PDF) - California Micro Devices Corp

CM3131 Datasheet PDF - California Micro Devices Corp
Part # CM3131
Download  CM3131 Download
File Size   367.4 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Triple Linear Voltage Regulator for DDR-I/-II Memory

CM3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM3131 Datasheet PDF - California Micro Devices Corp

Part # CM3131
Download  CM3131 Click to download

File Size   367.4 Kbytes
Page   10 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Triple Linear Voltage Regulator for DDR-I/-II Memory

CM3131 Datasheet (HTML) - California Micro Devices Corp


CM3131 Product details

Product Description
The CM3131 family of all-linear regulators provides an integrated power solution for DDR-I/-II memory systems in both run-time and standby modes of operation. The CM3131 is ideal for designs incorporating both a main 3.3V and a standby (3.3V or 5V) supply. The CM3131 features three independent linear regulators for VDDQ, VTT and VSTBY supply regulation and will maintain an accuracy of ±1% across the operating temperature range.

Features
• Integrated power solution for DDR-I and DDR-II memory systems with few external components
• Three all-linear regulators for VDDQ, VTT and VSTBY power supply applications
• Lowest system cost and smallest footprint for DDR power solutions
• VDDQ regulator/driver utilizes external N-FET to provide up to 15A current at 2.5V/1.8V
• VTT source/sink regulator provides up to 2A at 1.25V for DDR-I systems or 0.65A at 0.9V for the DDR-II memory controller (not DDR-II memory)
• LDO standby regulator provides up to 500mA at 2.5V for DDR-I and at 1.8V for DDR-II systems
• Can be ganged for higher current applications
• Over temperature and reverse current protection
• Over current protection for VSTBY and VTT regulator
• Available in 8 lead and 14 lead PSOP packages
• Lead-free versions available

Applications
• Desktop PCs, notebooks, and workstations
• Set top boxes, digital TVs, printers
• Embedded systems




Similar Part No. - CM3131

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
Bayonet Base, Screw Base
logo
California Micro Device...
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SB CALMIRCO-CM3132-02SB Datasheet
234Kb / 11P
Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SH CALMIRCO-CM3132-02SH Datasheet
234Kb / 11P
Triple Linear Voltage Regulator for DDR-I Memory and CPU
More results


Similar Description - CM3131

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 5/04
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
California Micro Device...
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
DDR I/II Termination Regulator
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 8/06
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
Low-Voltage DDR Linear Regulator
Rev 1; 10/07
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Maxim Integrated Produc...
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 2; 3/10
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com