Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2035 Datasheet (PDF) - Analog Devices

UG-2035 Datasheet PDF - Analog Devices
Part # UG-2035
Download  UG-2035 Download
File Size   851.25 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

UG-2035 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2035 Datasheet PDF - Analog Devices

Part # UG-2035
Download  UG-2035 Click to download

File Size   851.25 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADG1634L 4.7 Ω RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance

UG-2035 Datasheet (HTML) - Analog Devices


UG-2035 Product details

GENERAL DESCRIPTION
The EVAL-ADG1634LEBZ is the evaluation board for the
ADG1634L. The ADG1634L contains four independent single-pole,
double-throw (SPDT) switches. Each switch conducts equally well
in both directions when on, and each switch has an input signal
range that extends to the supplies. In the off condition, signal levels
up to the supplies are blocked.
An external VL supply pin provides logic control flexibility for lower
logic controls. The ADG1634L is both 1.2 V and 1.8 V JEDEC
standard compliant.
Figure 1 shows the EVAL-ADG1634LEBZ in a typical evaluation
setup. The EVAL-ADG1634LEBZ is located in the center of the
evaluation board. Eight test points are included to connect to each
of the source pins. Subminiature Version B (SMB) sockets are
included for the drain inputs. Three screw terminals power the
device. A 5-pin header is provided for user defined digital voltage, if
required.
Full specifications on the ADG1634L are available in the
ADG1634L data sheet available from Analog Devices, Inc., and
should be consulted in conjunction with this user guide when using
the EVAL-ADG1634LEBZ.

FEATURES
► Single inline headers provide flexibility for the field programmable
gate array (FPGA) or microcontroller 1.2 V or 1.8V logic input
signals
► SMD pin resistor or capacitor sockets available for the addition of
passive components
► SMB connector sockets provide flexibility for the input and output
signals
EVALUATION KIT CONTENTS
► EVAL-ADG1634LEBZ evaluation board
DOCUMENTS NEEDED
► ADG1634L data sheet
► EVAL-ADG1634LEBZ user guide
EQUIPMENT NEEDED
► DC voltage source (VDD/VSS)
► ±5 V for dual supply
► Optional digital logic supply (VL)
► 1.1 V to 1.3 V for 1.2 V logic
► 1.65 V to 1.95 V for 1.8 V logic
► Analog signal source
► Method to measure voltage, such as a digital multimeter (DMM)




Similar Part No. - UG-2035

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2039 AD-UG-2039 Datasheet
366Kb / 5P
Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Similar Description - UG-2035

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6219 TI-TMUX6219 Datasheet
750Kb / 20P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
TMUX6219-Q1 TI-TMUX6219-Q1 Datasheet
1Mb / 30P
TMUX6219-Q1 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX6219 TI-TMUX6219_V01 Datasheet
1Mb / 43P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX6219 TI-TMUX6219_V02 Datasheet
2Mb / 46P
TMUX6219 36-V, Low Ron, 2:1 (SPDT) Switch with 1.8-V Logic
REVISED AUGUST 2022
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
logo
Texas Instruments
TMUX4827 TI-TMUX4827 Datasheet
1Mb / 32P
TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
REVISED JUNE 2023
logo
Analog Devices
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com