Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA223021 Datasheet (PDF) - Renesas Technology Corp

RAA223021 Datasheet PDF - Renesas Technology Corp
Part # RAA223021
Download  RAA223021 Download
File Size   931.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V AC/DC Buck Regulator with Ultra-Low Standby Power

RAA223021 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA223021 Datasheet PDF - Renesas Technology Corp

Part # RAA223021
Download  RAA223021 Click to download

File Size   931.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V AC/DC Buck Regulator with Ultra-Low Standby Power

RAA223021 Datasheet (HTML) - Renesas Technology Corp


RAA223021 Product details

Features
▪ Ultra-low standby power (<20mW)
▪ No audible noise
▪ Low quiescent current (<80μA)
▪ Output voltage as low as 3.3V
▪ Low EMI with frequency dithering
▪ 7 Ld SOIC package
▪ Programmable PFM allows optimization of COUT
for various standby power requirements
▪ Protection features: Short-Circuit Protection (SCP),
Overload Protection (OLP), Overvoltage Protection
(OVP), open feedback protection, and
Over-Temperature Protection (OTP).
Applications
▪ Home appliances
▪ Home automation, IoT, and sensors
▪ Metering and Industry control
▪ Bias power




Similar Part No. - RAA223021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA223021 RENESAS-RAA223021 Datasheet
2Mb / 26P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Mar 3, 2022
RAA223021 RENESAS-RAA223021 Datasheet
2Mb / 23P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Mar 3, 2022
RAA223021 RENESAS-RAA223021 Datasheet
883Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
RAA2230214GSP#AA1 RENESAS-RAA2230214GSP#AA1 Datasheet
883Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
RAA2230214GSP#HA1 RENESAS-RAA2230214GSP#HA1 Datasheet
883Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
More results


Similar Description - RAA223021

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
AC/DC converters with low power consumption during standby
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Monolithic Power System...
MP161 MPS-MP161 Datasheet
779Kb / 24P
Power Solution with Ultra-Low Standby Power, Integrated Switching Regulator, Linear Regulator, and Relay Driver
EV161-S-00A MPS-EV161-S-00A Datasheet
2Mb / 11P
Power Solution with Ultra Low Standby Power, Integrates Switching Regulator, Linear Regulator and Relay Driver
logo
Renesas Technology Corp
RAA223011 RENESAS-RAA223011 Datasheet
2Mb / 26P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Mar 3, 2022
RAA223012 RENESAS-RAA223012 Datasheet
2Mb / 23P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Mar 3, 2022
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Renesas Technology Corp
RAA223010 RENESAS-RAA223010 Datasheet
2Mb / 21P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
ISL9123 RENESAS-ISL9123 Datasheet
764Kb / 24P
Ultra-Low IQ Buck Regulator with Bypass
Jan 19, 2023
logo
Wuxi Chipown Micro-elec...
PN8366 CHIPOWN-PN8366 Datasheet
389Kb / 9P
Ultra-low standby power consumption quasi-resonant primary-side feedback AC-DC converter
Rev.A
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com