Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR2U10LP Datasheet (PDF) - Diodes Incorporated

SBR2U10LP Datasheet PDF - Diodes Incorporated
Part # SBR2U10LP
Download  SBR2U10LP Download
File Size   354.88 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR2U10LP Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR2U10LP Datasheet PDF - Diodes Incorporated

Part # SBR2U10LP
Download  SBR2U10LP Click to download

File Size   354.88 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER

SBR2U10LP Datasheet (HTML) - Diodes Incorporated


SBR2U10LP Product details

Features
Small Form Factor Package with a PCB Footprint of just 1.54mm2
- 40% Smaller Than SOT666
Lower Reverse Leakage Ensuring Greater Stability at Higher
Temperatures
Low Forward Voltage (VF) Minimises Conduction Losses and
Improving Efficiency
Patented Super Barrier Rectifier SBR® Technology
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.




Similar Part No. - SBR2U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
More results


Similar Description - SBR2U10LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR2A40P1 DIODES-SBR2A40P1 Datasheet
336Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A40P1 Rev. 5 - 2
SBR2M30P1 DIODES-SBR2M30P1 Datasheet
333Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2
SBR3M30P1 DIODES-SBR3M30P1 Datasheet
343Kb / 4P
3.0A SBR Surface Mount Super Barrier Rectifier
SBR3M30P1 Rev. 4 - 2
SBR0240LP DIODES-SBR0240LP Datasheet
101Kb / 4P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
DS31774 Rev. 3 - 2
SBR02U100LPQ DIODES-SBR02U100LPQ Datasheet
391Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR0240LP DIODES-SBR0240LP_16 Datasheet
349Kb / 5P
0.2A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR1U150SA DIODES-SBR1U150SA_16 Datasheet
334Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev 8
SBR1U400P1 DIODES-SBR1U400P1_18 Datasheet
372Kb / 5P
1.0A SBR SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
SBR2M60S1F DIODES-SBR2M60S1F Datasheet
416Kb / 5P
2A SBR SUPER BARRIER RECTIFIER
July 2016
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com