Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5940 Datasheet (PDF) - Analog Devices

AD5940 Datasheet PDF - Analog Devices
Part # AD5940
Download  AD5940 Download
File Size   2121.07 Kbytes
Page   134 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Impedance, and Electrochemical Front End

AD5940 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5940 Datasheet PDF - Analog Devices

Part # AD5940
Download  AD5940 Click to download

File Size   2121.07 Kbytes
Page   134 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Impedance, and Electrochemical Front End

AD5940 Datasheet (HTML) - Analog Devices


AD5940 Product details

FEATURES
Analog input
16-bit ADC with both 800 kSPS and 1.6 MSPS options
Voltage, current, and impedance measurement capability
Internal and external current and voltage channels
Ultralow leakage switch matrix and input mux
Input buffers and programmable gain amplifier
Voltage DACs
Dual output voltage DAC with an output range of 0.2 V to 2.4 V
12-bit VBIAS0 output to bias potentiostat
6-bit VZERO0 output to bias TIA
Ultra low power: 1 μA
1 high speed, 12-bit DAC
Output range to sensor: ±607 mV
Programmable gain amplifier on output with gain settings of 2 and 0.05
Amplifiers, accelerators, and references
1 low power, low noise potentiostat amplifier suitable for potentiostat bias in electrochemical sensing
1 low noise, low power TIA, suitable for measuring sensor current output
50 pA to 3 mA range
Programmable load and gain resistors for sensor output
Analog hardware accelerators
Digital waveform generator
Receive filters
Complex impedance measurement (DFT) engine
1 high speed TIA to handle wide bandwidth input signals from 0.015 Hz up to 200 kHz
Digital waveform generator for generation of sinusoid and trapezoid waveforms
2.5 V and 1.82 V internal reference voltage sources
System level power savings
Fast power-up and power-down analog blocks for duty cycling
Programmable AFE sequencer to minimize workload of host controller
6 kB SRAM to preprogram AFE sequences
Ultra low power potentiostat channel: 6.5 μA of current consumption when powered on and all other blocks in hibernate mode
Smart sensor synchronization and data collection
Cycle accurate control of sensor measurement
Sequencer controlled GPIOs
On-chip peripherals
SPI serial input/output
Wake-up timer
Interrupt controller
Power
2.8 V to 3.6 V supply
1.82 V input/output compliant
Power-on reset
Hibernate mode with low power DAC and potentiostat amplifier powered up to maintain sensor bias
Package and temperature range
3.6 mm × 4.2 mm, 56-ball WLCSP
7 mm × 7 mm, 48-lead LFCSP
AD5940 and AD5941 fully specified for operating temperature range of −40°C to +85°C
AD5941W fully specified for operating temperature range of −40°C to +105°C
AEC-Q100 qualified for automotive applications

APPLICATIONS
Electrochemical measurements
Electrochemical gas sensors
Potentiostat/amperometric/voltammetry/cyclic voltammetry
Bioimpedance applications
Skin impedance
Body impedance
Continuous glucose monitoring
Battery impedance




Similar Part No. - AD5940

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5940 AD-AD5940 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD5940 AD-AD5940 Datasheet
2Mb / 143P
High Precision, Impedance, and Electrochemical Front End
Rev. D
AD5940BCBZ-RL AD-AD5940BCBZ-RL Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD5940BCBZ-RL AD-AD5940BCBZ-RL Datasheet
2Mb / 143P
High Precision, Impedance, and Electrochemical Front End
Rev. D
AD5940BCBZ-RL7 AD-AD5940BCBZ-RL7 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
More results


Similar Description - AD5940

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
logo
Infineon Technologies A...
BGM1033N7 INFINEON-BGM1033N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
BGM1032N7 INFINEON-BGM1032N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
Infineon Technologies A...
BGM1043N7 INFINEON-BGM1043N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.0, 2012-06-20
logo
Johanson Technology Inc...
2450FM07D0034 JOHANSON-2450FM07D0034 Datasheet
409Kb / 4P
Miniature 2.45GHz Impedance Matched Front-End Filter Optimized for Semtech
logo
Analog Devices
AD5940 AD-AD5940 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com