Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5940 Datasheet (PDF) - Analog Devices

AD5940 Datasheet PDF - Analog Devices
Part # AD5940
Download  AD5940 Download
File Size   2990.6 Kbytes
Page   143 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Impedance, and Electrochemical Front End

AD5940 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5940 Datasheet PDF - Analog Devices

Part # AD5940
Download  AD5940 Click to download

File Size   2990.6 Kbytes
Page   143 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision, Impedance, and Electrochemical Front End

AD5940 Datasheet (HTML) - Analog Devices


AD5940 Product details

FEATURES
► Analog input
► 16-bit ADC with both 800 kSPS and 1.6 MSPS options
► Voltage, current, and impedance measurement capability
► Internal and external current and voltage channels
► Ultralow leakage switch matrix and input mux
► Input buffers and programmable gain amplifier
► Voltage DACs
► Dual output voltage DAC with an output range of 0.2 V to 2.4
V
► 12-bit VBIAS0 output to bias potentiostat
► 6-bit VZERO0 output to bias TIA
► Ultra low power: 1 μA
► 1 high speed, 12-bit DAC
► Output range from high-speed DAC (HSDAC): ±607 mV
► Programmable gain amplifier on HSDAC output with gain
settings of 2 and 0.05
► Amplifiers, accelerators, and references
► 1 low power, low noise potentiostat amplifier suitable for
potentiostat bias in electrochemical sensing
► 1 low noise, low power TIA, suitable for measuring sensor
current output
► 50 pA to 3 mA range
► Programmable load and gain resistors for sensor output
► Analog hardware accelerators
► Digital waveform generator
► Receive filters
► Complex impedance measurement (DFT) engine
► 1 high speed TIA to handle wide bandwidth input signals from
0.015 Hz up to 200 kHz
► Digital waveform generator for generation of sinusoid and
trapezoid waveforms
► 2.5 V and 1.82 V internal reference voltage sources
► System level power savings
► Fast power-up and power-down analog blocks for duty cycling
► Programmable AFE sequencer to minimize workload of host
controller
► 6 kB SRAM to preprogram AFE sequences
► Ultra low power potentiostat channel: 6.5 μA of current consumption
when powered on and all other blocks in hibernate
mode
► Smart sensor synchronization and data collection
► Cycle accurate control of sensor measurement
► Sequencer controlled GPIOs
► On-chip peripherals
► SPI serial input/output
► Wake-up timer
► Interrupt controller
► Power
► 2.8 V to 3.6 V supply
► 1.82 V input/output compliant
► Power-on reset
► Hibernate mode with low power DAC and potentiostat amplifier
powered up to maintain sensor bias
► Package and temperature range
► AD5940: 3.6 mm × 4.2 mm, 56-ball WLCSP
► AD5941: 7 mm × 7 mm, 48-lead LFCSP
► AD5940 and AD5941 fully specified for operating temperature
range of −40°C to +85°C
► AD5941W fully specified for operating temperature range of
−40°C to +105°C
► AEC-Q100 qualified for automotive applications
APPLICATIONS
► Electrochemical measurements
► Electrochemical gas sensor measurements
► Potentiostat/amperometric/voltammetry/cyclic voltammetry
► Bioimpedance applications
► Skin impedance
► Body impedance
► Continuous glucose monitoring
► Battery impedance




Similar Part No. - AD5940

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5940 AD-AD5940 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD5940 AD-AD5940 Datasheet
2Mb / 134P
High Precision, Impedance, and Electrochemical Front End
AD5940BCBZ-RL AD-AD5940BCBZ-RL Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD5940BCBZ-RL AD-AD5940BCBZ-RL Datasheet
2Mb / 134P
High Precision, Impedance, and Electrochemical Front End
AD5940BCBZ-RL7 AD-AD5940BCBZ-RL7 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
More results


Similar Description - AD5940

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8450 AD-AD8450 Datasheet
1Mb / 41P
Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. B
logo
Infineon Technologies A...
BGM1033N7 INFINEON-BGM1033N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
Infineon Technologies A...
BGM1043N7 INFINEON-BGM1043N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.0, 2012-06-20
logo
Johanson Technology Inc...
2450FM07D0034 JOHANSON-2450FM07D0034 Datasheet
409Kb / 4P
Miniature 2.45GHz Impedance Matched Front-End Filter Optimized for Semtech
logo
Analog Devices
AD5940 AD-AD5940 Datasheet
1Mb / 130P
High Precision, Impedance, and Electrochemical Front End
3/2019-Revision 0
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
AD5940 AD-AD5940_V01 Datasheet
2Mb / 134P
High Precision, Impedance, and Electrochemical Front End
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com