Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN6152 Datasheet (PDF) - Panasonic Semiconductor

MN6152 Datasheet PDF - Panasonic Semiconductor
Part # MN6152
Download  MN6152 Download
File Size   45.45 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description PLL LSI with Built-In Prescaler

MN6152 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN6152 Datasheet PDF - Panasonic Semiconductor

Part # MN6152
Download  MN6152 Click to download

File Size   45.45 Kbytes
Page   8 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description PLL LSI with Built-In Prescaler

MN6152 Datasheet (HTML) - Panasonic Semiconductor


MN6152 Product details

Overview
The MN6152U is a CMOS LSI for a phase-locked loop (PLL) frequency synthesizer with serial data input.
It consists of a two-coefficient prescaler, variable frequency divider, phase comparator, and charge pump.
It offers high-speed operation on a low power supply voltage (1.8 to 2.5 V) and low power consumption (5 mW for VDD=2.0 V, FIN=100 MHz).
Other features include intermittent operation by the power save (PS) control signal and high-speed pull-in that rapidly corrects the phase differences occurring at the start of operation.

Features
● Low power supply voltage: VDD=1.8 to 2.5V
● Low power consumption: 5mW (VDD=2.0V, FIN=100MHz)
● High-speed operation: FIN=175MHz
● Frequency dividing ratios in reference frequency dividing stage: 5 to 131,071
● Frequency dividing ratios in comparator stage: 272 to 262,143
● Lock detector output pin
● Two types of phase comparator output
    - Internal charge pump output
    - Output for external charge pump
● Output monitor pins for both comparator and reference frequency dividing stages




Similar Part No. - MN6152

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN6153 PANASONIC-MN6153 Datasheet
52Kb / 9P
PLL LSI with Built-In Prescaler
MN6153UC PANASONIC-MN6153UC Datasheet
52Kb / 9P
PLL LSI with Built-In Prescaler
MN6155 PANASONIC-MN6155 Datasheet
54Kb / 9P
PLL LSI with Built-In Prescaler
More results


Similar Description - MN6152

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
Playback LSI with Built-in FIFO
logo
Panasonic Semiconductor
MN6153UC PANASONIC-MN6153UC Datasheet
52Kb / 9P
PLL LSI with Built-In Prescaler
MN6155 PANASONIC-MN6155 Datasheet
54Kb / 9P
PLL LSI with Built-In Prescaler
logo
Toshiba Semiconductor
TC9172AP TOSHIBA-TC9172AP Datasheet
869Kb / 22P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
TC9127AP TOSHIBA-TC9127AP Datasheet
835Kb / 21P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
TC9171P TOSHIBA-TC9171P Datasheet
2Mb / 23P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
DAC with built-in PLL & HP-AMP
logo
Sanyo Semicon Device
LC75106V SANYO-LC75106V Datasheet
201Kb / 15P
Digital Echo LSI with Built-in Mic Amplifier
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com