Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM415 Datasheet (PDF) - ELM Electronics

ELM415 Datasheet PDF - ELM Electronics
Part # ELM415
Download  ELM415 Download
File Size   42.17 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Up/Down Interface

ELM415 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM415 Datasheet PDF - ELM Electronics

Part # ELM415
Download  ELM415 Click to download

File Size   42.17 Kbytes
Page   5 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description Up/Down Interface

ELM415 Datasheet (HTML) - ELM Electronics


ELM415 Product details

Description

Many modern control circuits use the value from a digital counter to directly determine a setting or position. Manipulating this value under computer control is not difficult, but when one has to interface with a human operator, several other factors must be considered. Human interfaces often require that the circuit respond to changes in a setting – up or down, left or right, clockwise or counterclockwise. These controls need a simple interface, which the ELM415 provides.



Features

• Low power CMOS design – typically 1mA at 5V

• Wide supply range – 3.0 to 5.5 volt operation

• Fully debounced switch inputs

• Internal pullup resistors provided

• Protection from simultaneous key presses

• High current drive outputs – up to 25 mA

• User selectable automatic repeat function

• Selectable Count output polarity



Applications

• Digital audio potentiometer controls

• Variable voltage or temperature circuits

• Motor positioning controls

• Single-stepping control circuits

• Reset circuits




Similar Part No. - ELM415

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM410P ELM-ELM410P Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM410SM ELM-ELM410SM Datasheet
28Kb / 4P
Triple Debounce Circuit
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
Debounce Circuit with Latch
ELM411P ELM-ELM411P Datasheet
28Kb / 4P
Debounce Circuit with Latch
More results


Similar Description - ELM415

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Intersil Corporation
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
August 17, 2005
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
August 22, 2005
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
Up/Down Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com