Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet (PDF) - Holtek Semiconductor Inc

HT48C10 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48C10
Download  HT48C10 Download
File Size   2623.49 Kbytes
Page   59 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller Series

HT48C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48C10 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48C10
Download  HT48C10 Click to download

File Size   2623.49 Kbytes
Page   59 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller Series

HT48C10 Datasheet (HTML) - Holtek Semiconductor Inc


HT48C10 Product details

General Description
The HT48C10/48C30/48C50/48C70 are 8-bit high performance RISC-like microcontrollers, specifically designed for multiple I/O product applications. These devices are suitable for use in products such as remote controllers, fan/light controllers, washing machine controllers, scales, toys, and various subsystem controllers.

Features
• Operating voltage: 2.4V~5.2V
• Bidirectional I/O lines with a selection of 18, 22, 32 and 56 lines
• One interrupt input
• Programmable timer/event counters with overflow interrupts and a selection of one 8-bit counter, one 8-bit and one 16-bit counters, or two 16-bit counters
• On-chip crystal and RC oscillator
• Watchdog timer
• Program ROM with size selection of 1K×14, 2K×14, 4K×15 and 8K×16 bits
• Data RAM with size selection of 64×8, 96×8, 160×8 and 224×8 bits
• Halt function and wake-up feature to reduce power consumption
• 63 powerful instructions
• Up to 0.5µs instruction cycle with 8MHz system clock at VDD=5V
• All instructions in 1 or 2 machine cycles
• 14-bit/15-bit/16-bit table read instructions
• 2-level/4-level/8-level subroutine nesting
• Bit manipulation instructions




Similar Part No. - HT48C10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C10-1 HOLTEK-HT48C10-1 Datasheet
263Kb / 38P
I/O Type 8-Bit MCU
November 4, 2005
HT48C10-1 HOLTEK-HT48C10-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
More results


Similar Description - HT48C10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com