Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48C10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
HT48CXX/HT48RXX
8-Bit Microcontroller Series
Features
•
Operating voltage: 2.4V~5.2V
•
Bidirectional I/O lines with a selection of 18,
22, 32 and 56 lines
•
One interrupt input
•
Programmable timer/event counters with
overflow interrupts and a selection of one
8-bit counter, one 8-bit and one 16-bit count-
ers, or two 16-bit counters
•
On-chip crystal and RC oscillator
•
Watchdog timer
•
Program ROM with size selection of
1K
×14, 2K×14, 4K×15 and 8K×16 bits
•
Data RAM with size selection of 64
×8, 96×8,
160
×8 and 224×8 bits
•
Halt function and wake-up feature to reduce
power consumption
•
63 powerful instructions
•
Up to 0.5
µs instruction cycle with 8MHz
system clock at VDD=5V
•
All instructions in 1 or 2 machine cycles
•
14-bit/15-bit/16-bit table read instructions
•
2-level/4-level/8-level subroutine nesting
•
Bit manipulation instructions
General Description
The HT48C10/48C30/48C50/48C70 are 8-bit
high performance RISC-like microcontrollers,
specifically designed for multiple I/O product
applications. These devices are suitable for use
in products such as remote controllers, fan/light
controllers, washing machine controllers,
scales, toys, and various subsystem controllers.
They all contain a halt feature to reduce power
consumption. The major differences between
these microcontrollers are attributed to vari-
ations in sizes of the ROM and RAM, as well as
bit number, counter number, I/O line number,
and different level subroutine nesting. Roughly
speaking, the HT48C10 is a microcontroller
with most economic features and the HT48C70
is one with the most features of the four micro-
controllers.
1
25th May ’99


Similar Part No. - HT48C10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C10-1 HOLTEK-HT48C10-1 Datasheet
263Kb / 38P
I/O Type 8-Bit MCU
November 4, 2005
HT48C10-1 HOLTEK-HT48C10-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
More results

Similar Description - HT48C10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com