Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
CPLA [m]
Complement data memory and place result in the accumulator
Description
Each bit of the specified data memory is logically complemented (1’s comple-
ment). Bits which previously contained a one are changed to zero and
vice-versa. The complemented result is stored in the accumulator and the
contents of the data memory remain unchanged.
Operation
ACC
← [m]
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
DAA [m]
Decimal-Adjust accumulator for addition
Description
The accumulator value is adjusted to the BCD (Binary Code Decimal) code.
The accumulator is divided into two nibbles. Each nibble is adjusted to the
BCD code and an internal carry (AC1) will be done if the low nibble of the
accumulator is greater than 9. The BCD adjustment is done by adding 6 to
the original value if the original value is greater than 9 or a carry (AC or C)
is set; otherwise the original value remains unchanged. The result is stored
in the data memory and only the carry flag (C) may be affected.
Operation
If ACC.3~ACC.0 >9 or AC=1
then [m].3~[m].0
← (ACC.3~ACC.0)+6, AC1=AC
else [m].3~[m].0)
← (ACC.3~ACC.0), AC1=0
and
If ACC.7~ACC.4+AC1 >9 or C=1
then [m].7~[m].4
← ACC.7~ACC.4+6+AC1,C=1
else [m].7~[m].4
← ACC.7~ACC.4+AC1,C=C
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
–
––
––
√
DEC [m]
Decrement data memory
Description
Data in the specified data memory is decremented by one.
Operation
[m]
← [m]–1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
HT48CXX/HT48RXX
36
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com