Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 35Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 36Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 37Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 38Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
DECA [m]
Decrement data memory and place result in the accumulator
Description
Data in the specified data memory is decremented by one, leaving the result
in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC
← [m]–1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
HALT
Enter power down mode
Description
This instruction stops program execution and turns off the system clock. The
contents of the RAM and registers are retained. The WDT and prescaler are
cleared. The power down bit (PD) is set and the WDT time-out bit (TO) is
cleared.
Operation
PC
← PC+1
PD
← 1
TO
← 0
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–
–
0
1–
–––
INC [m]
Increment data memory
Description
Data in the specified data memory is incremented by one.
Operation
[m]
← [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
INCA [m]
Increment data memory and place result in the accumulator
Description
Data in the specified data memory is incremented by one, leaving the result
in the accumulator. The contents of the data memory remain unchanged.
Operation
ACC
← [m]+1
Affected flag(s)
TC2
TC1
TO
PD
OV
Z
AC
C
–––
–
–
√
––
HT48CXX/HT48RXX
37
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com