Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
TO
PD
RESET Conditions
1u
WDT time-out during normal
operation
1
1
WDT wake-up HALT
Note: “u” means “unchanged”
To guarantee that the system oscillator is
started and stabilized, the SST (System Start-
up Timer) provides an extra-delay. The extra-
delay delays 1024 system clock pulses when the
system powers up or awakes from the HALT
state.
When the system power-up occurs, the SST de-
lay is added during the reset period. But when
the reset comes from the RES pin, the SST delay
is disabled. Any wake-up from HALT will enable
the SST delay.
The status of the chip reset of the functional
units are as shown.
PC
000H
Interrupt
Disabled
Prescaler
Cleared
WDT
Cleared
After a master reset,
WDT begins counting.
Timer/event
counter (0/1)
Off
Input/output ports
Input mode
SP
Point to the top of the
stack
Timer/event counter
There are two timer/event counters imple-
mented in the four microcontrollers. Of the four
microcontrollers, the timer/event counter of the
HT48C10/HT48C30 contains an 8-bit program-
mable count-up counter. On the other hand, the
timer/event counter of the HT48C50/HT48C70
composes of two counters, namely timer/event
counter 0 and timer/event counter 1. The
timer/event counter 0 contains a 16-bit pro-
grammable counter, and the timer/event
counter 1 contains an 8-bit programmable
count-up counter of the HT48C50. The
timer/event counters 0 and 1 of the HT48C70
both contain a 16-bit programmable count-up
counter. The source of the clock of the four mi-
crocontrollers may come from an external
source or the system clock divided by 4. If the
internal instruction clock is applied, only one
reference time-base is available. The external
clock input, on the other hand, allows the user
to count external events, measure time inter-
vals or pulse width, or generate an accurate
time base.
Of the HT48C10/HT48C30, there are two regis-
ters related to the timer/event counter, i.e.,
TMR ([0DH]) and TMRC ([0EH]). There are two
physical registers mapped to the TMR location.
Writing TMR puts the starting value in the
timer/event counter preload register while
reading TMR gets the contents of the timer/
event counter. The TMRC, on the other hand, is
a timer/event counter control register.
Timer/event counter 0/1
HT48CXX/HT48RXX
23
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com