Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Pin Description of HT48C10
Pin Name
I/O
Mask
Option
Function
PA0~PA7
I/O
Wake-up
Pull-high
or None
Bidirectional 8-bit input/output ports
Each bit can be configured as a wake-up input by mask option.
Software instructions determine the CMOS output or schmitt
trigger input with or without pull high resistor (by mask option).
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit input/output ports
Software instructions determine the CMOS output or schmitt
trigger input with or without pull high resistor (by mask
option).
VSS
—
—
Negative power supply, GND
INT
I
—
External interrupt schmitt trigger input with pull high resistor
Edge trigger is activated during high to low transition.
TMR
I
—
Schmitt trigger input for timer/event counter
PC0~PC1
I/O
Pull-high
or None
Bidirectional 2-bit input/output ports
Software instructions determine the CMOS output or schmitt
trigger input with or without pull high resistor (by mask option).
RES
I
—
Schmitt trigger reset input, active low
VDD
—
—
Positive power supply
OSC1
OSC2
I
O
Crystal or
RC
OSC1 and OSC2 are connected to an RC network or a crystal
(by mask option) for the internal system clock. In the case of RC
operation, OSC2 is the output terminal for 1/4 system clock.
HT48CXX/HT48RXX
6
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com