Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C10 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT48C10
Description  8-Bit Microcontroller Series
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C10 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT48C10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C10 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL
Input Low Voltage for I/O
ports
3V
—
0
—
0.9
V
5V
—
0
—
1.5
VIH
Input High Voltage for I/O
Ports
3V
—
2.1
—
3
V
5V
—
3.5
—
5
VIL1
Input Low Voltage
(TMR, TMR0, TMR1, INT)
3V
—
0
—
0.7
V
5V
—
0
—
1.3
VIH1
Input High Voltage
(TMR, TMR0, TMR1, INT)
3V
—
2.3
—
3
V
5V
—
3.8
—
5
VIL2
Input Low Voltage (RES)
3V
—
—
1.5
—
V
5V
—
—
2.5
—
VIH2
Input High Voltage (RES)
3V
—
—
2.4
—
V
5V
—
—
4.0
—
IOL
I/O Ports Sink Current
3V
VOL=0.3V
1.5
4
—
mA
5V
VOL=0.5V
4
10
—
IOH
I/O Ports Source Current
3V
VOH=2.7V
–1
–2
—
mA
5V
VOH=4.5V
–2
–4.5
—
RPH
Pull-high Resistance of I/O
Ports and INT
3V
—
40
60
80
k
Ω
5V
—
10
30
50
HT48CXX/HT48RXX
11
25th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com