Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet (PDF) - Analog Devices

ADE7761ARSRL Datasheet PDF - Analog Devices
Part # ADE7761ARSRL
Download  ADE7761ARSRL Download
File Size   326.01 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with On-Chip Fault and Missing Neutral Detection

ADE7761ARSRL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7761ARSRL Datasheet PDF - Analog Devices

Part # ADE7761ARSRL
Download  ADE7761ARSRL Click to download

File Size   326.01 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Energy Metering IC with On-Chip Fault and Missing Neutral Detection

ADE7761ARSRL Datasheet (HTML) - Analog Devices


ADE7761ARSRL Product details

GENERAL DESCRIPTION
The ADE7761 is a high accuracy, fault tolerant, electrical energy measurement IC intended for use with 2-wire distribution systems. The part specifications surpass the accuracy requirements as quoted in the IEC61036 standard.

FEATURES
   High accuracy active energy measurement IC, supports
      IEC 687/61036
   Less than 0.1% error over a dynamic range of 500 to 1
   Supplies active power on the frequency outputs F1 and F2
   High frequency output CF is intended for calibration and
      supplies instantaneous active power
   Continuous monitoring of the phase and neutral current
      allows fault detection in 2-wire distribution systems
   Current channels input level best suited for current
      transformer sensors
   Uses the larger of the two currents (phase or neutral) to
      bill—even during a fault condition
   Continuous monitoring of the voltage and current inputs
      allows missing neutral detection
   Uses one current input (phase or neutral) to bill when
      missing neutral is detected
   Two logic outputs (FAULT and REVP) can be used to indicate
      a potential miswiring, fault, or missing neutral condition
   Direct drive for electromechanical counters and 2-phase
      stepper motors (F1 and F2)
   Proprietary ADCs and DSP provide high accuracy over large
      variations in environmental conditions and time
   Reference 2.5 V ± 8% (drift 30 ppm/°C typical) with external
      overdrive capability
   Single 5 V supply, low power




Similar Part No. - ADE7761ARSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARS AD-ADE7761AARS Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARS-REF AD-ADE7761AARS-REF Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARS-RL AD-ADE7761AARS-RL Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761AARSZ AD-ADE7761AARSZ Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
More results


Similar Description - ADE7761ARSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751 AD-AD7751 Datasheet
249Kb / 16P
Energy Metering IC With On-Chip Fault Detection
REV.A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV.0
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
Energy Metering IC with On-Chip Fault Detection
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
7/06-Revision 0
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751_15 Datasheet
187Kb / 14P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com