Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7761ARSRL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARSRL Datasheet(HTML) 5 Page - Analog Devices

  ADE7761ARSRL Datasheet HTML 1Page - Analog Devices ADE7761ARSRL Datasheet HTML 2Page - Analog Devices ADE7761ARSRL Datasheet HTML 3Page - Analog Devices ADE7761ARSRL Datasheet HTML 4Page - Analog Devices ADE7761ARSRL Datasheet HTML 5Page - Analog Devices ADE7761ARSRL Datasheet HTML 6Page - Analog Devices ADE7761ARSRL Datasheet HTML 7Page - Analog Devices ADE7761ARSRL Datasheet HTML 8Page - Analog Devices ADE7761ARSRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADE7761
Rev. A | Page 5 of 28
Parameter
Value
Unit
Test Conditions/Comments
LOGIC INPUTS5
SCF, S1, and S0
Input High Voltage, VINH
2.4
V, min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V, max
VDD = 5 V ± 5%
Input Current, IIN
±3
µA, max
Typical 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF, max
LOGIC OUTPUTS5
CF, REVP, and FAULT
Output High Voltage, VOH
4
V, min
VDD = 5 V ± 5%
Output Low Voltage, VOH
1
V, max
VDD = 5 V ± 5%
F1 and F2
Output High Voltage, VOH
4
V, min
VDD = 5 V ± 5%, ISOURCE = 10 mA
Output Low Voltage, VOH
1
V, max
VDD = 5 V ± 5%, ISINK = 10 mA
POWER SUPPLY
For specified performance
VDD
4.75
V, min
5 V − 5%
5.25
V, max
5 V + 5%
VDD
4
mA, max
1 See plots in the Typical Performance Characteristics section.
2 See the Terminology section for explanation of specifications.
3 See the Fault Detection section for explanation of fault detection functionality.
4 See the Missing Neutral Detection section for explanation of missing neutral detection functionality.
5 Sample tested during initial release and after any redesign or process change that may affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com