Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7761ARSRL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARSRL Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7761ARSRL Datasheet HTML 13Page - Analog Devices ADE7761ARSRL Datasheet HTML 14Page - Analog Devices ADE7761ARSRL Datasheet HTML 15Page - Analog Devices ADE7761ARSRL Datasheet HTML 16Page - Analog Devices ADE7761ARSRL Datasheet HTML 17Page - Analog Devices ADE7761ARSRL Datasheet HTML 18Page - Analog Devices ADE7761ARSRL Datasheet HTML 19Page - Analog Devices ADE7761ARSRL Datasheet HTML 20Page - Analog Devices ADE7761ARSRL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADE7761
Rev. A | Page 17 of 28
Using Equations 1 and 2, the active power P can be expressed in
terms of its fundamental active power (P1) and harmonic active
power (PH):
H
1
P
P
P
+
=
where:
1
1
1
1
1
1
1
I
V
P
β
α
=
Φ
Φ
×
=
)
cos(
(3)
and
h
h
h
h
h
h
h
H
I
V
P
β
α
=
Φ
Φ
×
×
=
=
)
cos(
2
(4)
As can be seen from Equation 4, a harmonic active power
component is generated for every harmonic, provided that
harmonic is present in both the voltage and current waveforms.
The power factor calculation has previously been shown to be
accurate in the case of a pure sinusoid; the harmonic active
power must, therefore, also correctly account for power factor,
because it is made up of a series of pure sinusoids.
Note that the input bandwidth of the analog inputs is 7 kHz
with the internal oscillator frequency of 450 kHz.
HPF and Offset Effects
Equation 5 shows the effect of offsets on the active power
calculation. Figure 22 shows the effect of offsets on the active
power calculation in the frequency domain.
)
cos(
)
cos(
2
))
cos(
(
))
cos(
(
)
(
)
(
t
I
V
t
I
V
I
V
I
V
t
I
I
t
V
V
t
I
t
V
0
1
1
0
1
1
1
0
1
0
1
0
ω
×
×
+
ω
×
×
+
×
+
×
=
ω
×
+
×
ω
×
+
=
×
(5)
As can be seen from Equation 5 and Figure 22, an offset on
Channel 1 and Channel 2 contributes a dc component after
multiplication. Because this dc component is extracted by the
LPF and used to generate the active power information, the
offsets contribute a constant error to the active power calcula-
tion. This problem is easily avoided in the ADE7761 with the
HPF in Channel 1. By removing the offset from at least one
channel, no error component can be generated at dc by the
multiplication. Error terms at cos(ωt) are removed by the LPF
and the digital-to-frequency conversion (see the Digital-to-
Frequency Conversion section).
The HPF in Channel 1 has an associated phase response that is
compensated for on-chip. Figure 23 and Figure 24 show the
phase error between channels with the compensation network
activated. The ADE7761 is phase compensated up to 1 kHz as
shown, which ensures correct active harmonic power
calculation even at low power factors.
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR ACTIVE
POWER CALCULATION
2v
FREQUENCY (RAD/S)
0v
V1 × I0
V0 × I1
V1 × I1
2
Figure 22. Effect of Channel Offsets on the Active Power Calculation
FREQUENCY (Hz)
0
100
–0.05
–0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900
1000
Figure 23. Phase Error between Channels (0 Hz to 1 kHz)
FREQUENCY (Hz)
40
–0.05
–0.10
0.05
0
0.10
0.15
0.20
0.25
0.30
45
50
55
60
65
70
Figure 24. Phase Error between Channels (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com