Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7761ARSRL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARSRL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7761ARSRL Datasheet HTML 6Page - Analog Devices ADE7761ARSRL Datasheet HTML 7Page - Analog Devices ADE7761ARSRL Datasheet HTML 8Page - Analog Devices ADE7761ARSRL Datasheet HTML 9Page - Analog Devices ADE7761ARSRL Datasheet HTML 10Page - Analog Devices ADE7761ARSRL Datasheet HTML 11Page - Analog Devices ADE7761ARSRL Datasheet HTML 12Page - Analog Devices ADE7761ARSRL Datasheet HTML 13Page - Analog Devices ADE7761ARSRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADE7761
Rev. A | Page 10 of 28
Pin No.
Mnemonic
Description
13
INT
This pin is internally used and should be connected to DGND.
14
RCLKIN
To enable the internal oscillator as a clock source on the chip, a precise low temperature drift resistor at
nominal value of 6.2 kΩ must be connected from this pin to DGND.
15
FAULT
This logic output goes active high when a fault or missing neutral condition occurs. A fault is defined as
a condition under which the signals on V1A and V1B differ by more than 6.25%. A missing neutral
condition is defined when the chip is powered up with no voltage at the input. The logic output is reset
to zero when a fault or missing neutral condition is no longer detected. See the Fault Detection section
and the Missing Neutral Mode section.
16
REVP
This logic output goes logic high when negative power is detected, that is, when the phase angle
between the voltage and current signals is greater than 90°. This output is not latched and is reset when
positive power is once again detected. The output goes high or low at the same time as a pulse is issued
on CF.
17
DGND
This pin provides the ground reference for the digital circuitry in the ADE7761, that is, multiplier, filters,
and digital-to-frequency converter. This pin should be tied to the digital ground plane of the PCB. The
digital ground plane is the ground reference for all digital circuitry such as counters (mechanical and
digital), MCUs, and indicator LEDs. For good noise suppression, the analog ground plane should be
connected only to the digital ground plane at the DGND pin.
18
CF
Calibration Frequency Logic Output. The CF logic output, active high, gives instantaneous active power
information. This output is intended to be used for operational and calibration purposes. See the Digital-
to-Frequency Conversion section.
19, 20
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average active power information. The logic outputs
can be used to directly drive electromechanical counters and 2-phase stepper motors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com