Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7761ARSRL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARSRL Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7761ARSRL Datasheet HTML 12Page - Analog Devices ADE7761ARSRL Datasheet HTML 13Page - Analog Devices ADE7761ARSRL Datasheet HTML 14Page - Analog Devices ADE7761ARSRL Datasheet HTML 15Page - Analog Devices ADE7761ARSRL Datasheet HTML 16Page - Analog Devices ADE7761ARSRL Datasheet HTML 17Page - Analog Devices ADE7761ARSRL Datasheet HTML 18Page - Analog Devices ADE7761ARSRL Datasheet HTML 19Page - Analog Devices ADE7761ARSRL Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADE7761
Rev. A | Page 16 of 28
The low frequency output of the ADE7761 is generated by
accumulating this active power information. This low frequency
inherently means a long accumulation time between output
pulses. The output frequency is, therefore, proportional to the
average active power. This average active power information can
in turn be accumulated (for example, by a counter) to generate
active energy information. Because of its high output frequency
and therefore shorter integration time, the CF output is propor-
tional to the instantaneous active power. This is useful for
system calibration purposes that would take place under steady
load conditions.
F2
CF
F1
DIGITAL-TO-
FREQUENCY
DIGITAL-TO-
FREQUENCY
HPF
MULTIPLIER
LPF
ADC
ADC
CH1
CH2
INSTANTANEOUS
POWER SIGNAL –p(t)
INSTANTANEOUS
ACTIVE POWER SIGNAL
V× I
V× I
2
TIME
p(t) = i(t).v(t)
WHERE:
v(t) = V × cos(
ϖt)
i(t) = I × cos(
ϖt)
p(t) =
V× I
{1 + cos (2
ϖt)}
2
Figure 20. Signal Processing Block Diagram
Power Factor Considerations
The method used to extract the active power information from
the instantaneous power signal (by low-pass filtering) is still
valid even when the voltage and current signals are not in
phase. Figure 21 displays the unity power factor condition and
a displacement power factor (DPF = 0.5), that is, current signal
lagging the voltage by 60°. If one assumes that the voltage and
current waveforms are sinusoidal, the active power component
of the instantaneous power signal (dc term) is given by
(V × I/2) × cos(60°)
This is the correct active power calculation.
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER SIGNAL
60°
CURRENT
CURRENT
VOLTAGE
0V
0V
VOLTAGE
V× I
2
V× I
2
× cos(60°)
Figure 21. Active Power Calculation over PF
Nonsinusoidal Voltage and Current
The active power calculation method also holds true for
nonsinusoidal current and voltage waveforms. All voltage and
current waveforms in practical applications have some
harmonic content. Using the Fourier transform, instantaneous
voltage and current waveforms can be expressed in terms of
their harmonic content:
)
sin(
2
)
(
0
h
h
h
O
t
h
V
V
t
v
α
+
ω
×
×
+
=
∑
∞
≠
(1)
where:
v(t) is the instantaneous voltage.
VO is the average value.
Vh is the rms value of voltage harmonic h.
αh is the phase angle of the voltage harmonic.
)
sin(
2
)
(
0
h
h
h
O
t
h
I
I
t
i
β
+
ω
×
×
+
=
∑
∞
≠
(2)
where:
i(t) is the instantaneous current.
IO is the dc component.
Ih is the rms value of current harmonic h.
βh is the phase angle of the current harmonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com