Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761ARSRL Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7761ARSRL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761ARSRL Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7761ARSRL Datasheet HTML 15Page - Analog Devices ADE7761ARSRL Datasheet HTML 16Page - Analog Devices ADE7761ARSRL Datasheet HTML 17Page - Analog Devices ADE7761ARSRL Datasheet HTML 18Page - Analog Devices ADE7761ARSRL Datasheet HTML 19Page - Analog Devices ADE7761ARSRL Datasheet HTML 20Page - Analog Devices ADE7761ARSRL Datasheet HTML 21Page - Analog Devices ADE7761ARSRL Datasheet HTML 22Page - Analog Devices ADE7761ARSRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADE7761
Rev. A | Page 19 of 28
Table 5. F1–4 Frequency Selection
S1
S0
F1–4 (Hz)1
OSC/CLKIN2
0
0
1.72
OSC/218
0
1
3.44
OSC/217
1
0
6.86
OSC/216
1
1
13.7
OSC/215
1 Values are generated using the nominal frequency of 450 kHz.
2 F1–4 are a binary fraction of the master clock and, therefore, vary with the
internal oscillator frequency (OSC).
Frequency Output CF
The pulse output calibration frequency (CF) is intended for use
during calibration. The output pulse rate on CF can be up to
2048 times the pulse rate on F1 and F2. The lower the F1–4
frequency selected, the higher the CF scaling. Table 6 shows
how the two frequencies are related, depending on the states of
the logic inputs S0, S1, and SCF. Because of its relatively high
pulse rate, the frequency at this logic output is proportional to
the instantaneous active power. As with F1 and F2, the
frequency is derived from the output of the low-pass filter after
multiplication. However, because the output frequency is high,
this active power information is accumulated over a much
shorter time. Therefore, less averaging is carried out in the
digital-to-frequency conversion. With much less averaging of
the active power signal, the CF output is much more responsive
to power fluctuations (see Figure 20).
Table 6. Relationship between CF and F1, F2 Frequency
Outputs
SCF
S1
S0
F1–4 (Hz)
CF Frequency Output
1
0
0
1.72
128 × F1, F2
0
0
0
1.72
64 × F1, F2
1
0
1
3.44
64 × F1, F2
0
0
1
3.44
32 × F1, F2
1
1
0
6.86
32 × F1, F2
0
1
0
6.86
16 × F1, F2
1
1
1
13.7
16 × F1, F2
0
1
1
13.7
2048 × F1, F2
Example
In this example, if ac voltages of ±660 mV peak are applied to
V1 and V2, then the expected output frequency on CF, F1, and
F2 is calculated as follows:
F1–4 = 1.7 Hz, SCF = S1 = S0 = 0
V1rms = rms of 660 mV peak ac = 0.66/√2 V
V2rms = rms of 660 mV peak ac = 0.66/√2 V
VREF = 2.5 V (nominal reference value)
Note that if the on-chip reference is used, actual output
frequencies may vary from device to device due to a reference
tolerance of ±8%.
Hz
0
.
22
64
Hz
34
.
0
5
.
2
2
2
Hz
72
.
1
66
.
0
66
.
0
70
.
5
2
1
2
=
×
=
=
×
×
×
×
×
=
F
F
Frequency
CF
Frequency
F
F
2
1
As can be seen from these two example calculations, the
maximum output frequency for ac inputs is always half of that
for dc input signals. Table 7 shows a complete listing of all
maximum output frequencies for ac signals.
Table 7. Maximum Output Frequency on CF, F1, and F2 for
AC Inputs
SCF
S1
S0
F1, F2 Maximum
Frequency (Hz)
CF Maximum
Frequency (Hz)
CF to
F1
Ratio
1
0
0
0.34
43.52
128
0
0
0
0.34
21.76
64
1
0
1
0.68
43.52
64
0
0
1
0.68
21.76
32
1
1
0
1.36
43.52
32
0
1
0
1.36
21.76
16
1
1
1
2.72
43.52
16
0
1
1
2.72
5570
2048
FAULT DETECTION
The ADE7761 incorporates a novel fault detection scheme that
warns of fault conditions and allows the ADE7761 to continue
accurate billing during a fault event. The ADE7761 does this by
continuously monitoring both the phase and neutral (return)
currents. A fault is indicated when these currents differ by more
than 6.25%. However, even during a fault, the output pulse rate
on F1 and F2 is generated using the larger of the two currents.
Because the ADE7761 looks for a difference between the voltage
signals on V1A and V1B, it is important that both current trans-
ducers be closely matched.
On power-up, the output pulse rate of the ADE7761 is pro-
portional to the product of the voltage signals on V1A and
Channel 2. If there is a difference of greater than 6.25% between
V1A and V1B on power-up, the fault indicator (FAULT) becomes
active after about 1 s. In addition, if V1B is greater than V1A, the
ADE7761 selects V1B as the input. The fault detection is
automatically disabled when the voltage signal on Channel 1 is
less than 0.3% of the full-scale input range. This eliminates false
detection of a fault due to noise at light loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com