Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC14L040CIVY Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
ADC14L040CIVY Datasheet PDF - National Semiconductor (TI)
Part # ADC14L040CIVY
Download  ADC14L040CIVY Download
File Size   909.49 Kbytes
Page   23 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 14-Bit, 40 MSPS, 235 mW A/D Converter

ADC14L040CIVY Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC14L040CIVY Datasheet PDF - National Semiconductor (TI)

Part # ADC14L040CIVY
Download  ADC14L040CIVY Click to download

File Size   909.49 Kbytes
Page   23 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 14-Bit, 40 MSPS, 235 mW A/D Converter

ADC14L040CIVY Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - ADC14L040CIVY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14L040CIVY/NOPB TI1-ADC14L040CIVY/NOPB Datasheet
821Kb / 30P
235 mW A/D Converter
ADC14L040CIVY/NOPB TI2-ADC14L040CIVY/NOPB Datasheet
968Kb / 32P
ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter
REVISED APRIL 2013
ADC14L040CIVY/NOPB.A TI2-ADC14L040CIVY/NOPB.A Datasheet
968Kb / 32P
ADC14L040 14-Bit, 40 MSPS, 235 mW A/D Converter
REVISED APRIL 2013
More results


Similar Description - ADC14L040CIVY

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
14-Bit, 7 MSPS, 380 mW A/D Converter
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Analog Devices
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com