Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA150F-36-R Datasheet (PDF) - COSEL CO., LTD.

PJA150F-36-R Datasheet PDF - COSEL CO., LTD.
Part # PJA150F-36-R
Download  PJA150F-36-R Download
File Size   2850.39 Kbytes
Page   16 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description AC-DC Power Supplies Enclosed Type

PJA150F-36-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PJA150F-36-R Datasheet PDF - COSEL CO., LTD.

Part # PJA150F-36-R
Download  PJA150F-36-R Click to download

File Size   2850.39 Kbytes
Page   16 Pages
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.
Description AC-DC Power Supplies Enclosed Type

PJA150F-36-R Datasheet (HTML) - COSEL CO., LTD.


PJA150F-36-R Product details

Feature
Low Profile (PJA100F, 150F, 300F : 1U size)
(PJA600F, 1000F, 1500F : 2U size)
Wide temperature range (-20C to +70C, Derating is required)
Harmonic attenuator (Complies with IEC61000-3-2 class A)
Universal input (AC85 - 264V, Derating is required)
Low power consumption at no load
Complies with SEMI F-47 (PJA1000F, 1500F can meet at 200V
input range only)
Many optional functions




Similar Part No. - PJA150F-36-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA138K PANJIT-PJA138K Datasheet
244Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA138K-AU PANJIT-PJA138K-AU Datasheet
378Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K-AU_R1_000A1 PANJIT-PJA138K-AU_R1_000A1 Datasheet
378Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
August 26,2019-REV.01
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA138K_R1_00001 PANJIT-PJA138K_R1_00001 Datasheet
244Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Similar Description - PJA150F-36-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
AC-DC Power Supplies Enclosed type
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
AC-DC Power Supplies Enclosed Type
April 17, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com