Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA150F-36-R Datasheet(PDF) 8 Page - COSEL CO., LTD.

Part # PJA150F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA150F-36-R Datasheet(HTML) 8 Page - COSEL CO., LTD.

Back Button PJA150F-36-R Datasheet HTML 4Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 5Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 6Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 7Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 9Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 10Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 11Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 12Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PJA-8
PJA600F
AC-DC Power Supplies Enclosed Type
PJ
A
600
F
-O
-O
Ordering information
R
1
2
3
4
5
6
SPECIFICATIONS
MODEL
PJA600F-5
PJA600F-12
PJA600F-15
PJA600F-24
PJA600F-36
PJA600F-48
INPUT
VOLTAGE[V]
AC85 - 264 1f (Output derating is required at AC85V - 100V. Refer to “Derating” and instruction manual 1.1, 3)
CURRENT[A]
ACIN 100V 6.7typ (Io=100%)
7.5typ (Io=100%)
ACIN 115V 5.7typ (Io=100%)
6.5typ (Io=100%)
ACIN 230V 2.8typ (Io=100%)
3.2typ (Io=100%)
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 76typ (Io=100%)
81typ (Io=100%)
82typ (Io=100%)
84typ (Io=100%)
85typ (Io=100%)
85typ (Io=100%)
ACIN 115V 77typ (Io=100%)
82typ (Io=100%)
82typ (Io=100%)
85typ (Io=100%)
86typ (Io=100%)
85typ (Io=100%)
ACIN 230V 79typ (Io=100%)
84typ (Io=100%)
85typ (Io=100%)
88typ (Io=100%)
88typ (Io=100%)
88typ (Io=100%)
POWER FACTOR
ACIN 100V 0.99typ (Io=100%)
ACIN 115V 0.98typ (Io=100%)
ACIN 230V 0.95typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 20/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3sec to re-start)
ACIN 115V 20/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3sec to re-start)
ACIN 230V 40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3sec to re-start)
LEAKAGE CURRENT[mA]
1.5max (ACIN 240V, 60Hz, Io=100%, According to IEC62368-1 and DEN-AN)
OUTPUT
VOLTAGE[V]
5
12
15
24
36
48
CURRENT[A]
ACIN 85-100V Output derating is required at ACIN 100V or less (Refer to “Derating”)
ACIN 100V-264V 100
50
40
25
16.7
12.5
WATTAGE[W]
ACIN 85-100V Output derating is required at ACIN 100V or less (Refer to “Derating”)
ACIN 100V-264V 500
600
600
600
601.2
600
LINE REGULATION[mV]
*7
20max
48max
60max
96max
144max
192max
LOAD REGULATION[mV]
*7
40max
100max
120max
150max
150max
300max
RIPPLE[mVp-p]
*1
0 to +50C 80max
120max
120max
120max
150max
150max
-20 to 0C 140max
160max
160max
160max
160max
400max
RIPPLE NOISE[mVp-p]
*1
0 to +50C 120max
150max
150max
150max
200max
200max
-20 to 0C 160max
180max
180max
180max
240max
500max
TEMPERATURE REGULATION[mV]
0 to +50C 50max
120max
150max
240max
360max
480max
-20 to +50C 75max
180max
180max
290max
440max
600max
DRIFT[mV]
*2
20max
48max
60max
96max
144max
192max
START-UP TIME[ms]
300typ (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 4.50 to 5.50
10.80 to 13.20
13.50 to 16.50
21.60 to 26.40
32.40 to 39.60
43.20 to 52.80
OUTPUT VOLTAGE SETTING[V]
5.00 to 5.15
12.00 to 12.48
15.00 to 15.60
24.00 to 24.96
36.00 to 37.44
48.00 to 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION[V] 5.75 to 7.00
13.80 to 16.80
17.25 to 21.00
27.60 to 33.60
41.40 to 50.40
55.20 to 67.20
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Optional (Option -W)
REMOTE ON/OFF
Optional (Required external power source. Option -R)
ISOLATION
INPUT-OUTPUT RC
*3
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
OUTPUT RC-FG
*3
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
OUTPUT-RC
*3
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE *4 -20 to +70C (Refer to “Derating”), 20 - 90%RH (Non condensing), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axes
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axes
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL62368-1, C-UL (CSA62368-1), EN62368-1 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR *9 Complies with IEC61000-3-2 class A
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional *6
C : with Coating
G : Low leakage current
V : External potentiometer for
output voltage adjustment
W: Parallel operation,
LV alarm and Remote sensing
R : Remote on/off
(Required external power source)
F4: Low speed fan
See 6.1 in Instruction Manual.
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
Example recommended EMI/EMC filter
NAC-16-472
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com