Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA150F-36-R Datasheet(PDF) 14 Page - COSEL CO., LTD.

Part # PJA150F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA150F-36-R Datasheet(HTML) 14 Page - COSEL CO., LTD.

Back Button PJA150F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 9Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 10Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 11Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 12Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 13Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 14Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 15Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 16Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PJA-14
Assembling and Installation Method
■Do not insert a screw more than 6mm from the outside of a power supply to keep enough insulation
distance between the screw and internal components.
6mm max
Chassis of
PBA series
Chassis of
customer system
Mounting Screw
PJAseries
■If you use two or more power supplies side by side, please keep a sufficient distance between them to allow enough air ventilation.
■Ambient temperature around each power supply should not exceed the temperature range shown in “derating”.
(A)(B)
(C)
Terminal block
Terminal block
More than
20mm
¿
PJA100F, PJA150F
¿
PJA300F
F
A
N
Air flow
Terminal block
side
Vent hole
side
Fan side
More than
30mm
More than
30mm
More than
30mm
Terminal block
Terminal block
(A)
(E)
Terminal block
Not allowed
Vent hole
side
More than
30mm
Terminal block
(B)
(D)
Terminal block
C)
(
¿
PJA600F
F
A
N
Air flow
Terminal block
side
Fan side
More than
30mm
More than
30mm
More than
30mm
Terminal
block
Terminal block
(A)
Vent hole
side
Fixed screw
(4pcs.)
Fixed
screw
(4pcs.)
Vent hole
side
More than
30mm
Terminal block
Terminal block
(B)
(C)
(D)
Fixed screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
(E)
Terminal block
Not allowed
¿
PJA1000F, PJA1500F
F
A
N
F
A
N
F
A
N
F
A
N
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Air flow
Air flow
Terminal
block side
Terminal
block side
Fan side
Fan
side
Vent hole
side
Not
allowed
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
(A)
(B)
(C)
(D)
(E)
(F)
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
F
A
N
F
A
N
F
A
N
F
A
N
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Air flow
Air flow
Terminal
block side
Terminal
block side
Fan side
Fan
side
Vent hole
side
Not
allowed
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
(A)
(B)
(C)
(D)
(E)
(F)
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
F
A
N
F
A
N
F
A
N
F
A
N
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
More than
30mm
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Terminal
block
Air flow
Air flow
Terminal
block side
Terminal
block side
Fan side
Fan
side
Vent hole
side
Not
allowed
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
(A)
(B)
(C)
(D)
(E)
(F)
Fixed screw
(4pcs.)
Fixed screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
Fixed
screw
(4pcs.)
PJA-series
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com