Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA150F-36-R Datasheet(PDF) 16 Page - COSEL CO., LTD.

Part # PJA150F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA150F-36-R Datasheet(HTML) 16 Page - COSEL CO., LTD.

Back Button PJA150F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 9Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 10Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 11Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 12Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 13Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 14Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 15Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 16Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
PJA-16
It is neccessary to read the “Instruction Manual” and “Before using our product” before you use our product.
Instruction Manual
https://en.cosel.co.jp/product/powersupply/PJA/
Before using our product
https://en.cosel.co.jp/technical/caution/index.html
Instruction Manual
NOTICE
PJA
Basic Characteristics Data
Model
Circuit method
Switching
frequency
[kHz]
Input
current
[A]
Rated
input fuse
Inrush
current
protection
circuit
PCB/Pattern
Series/Parallel
operation availability
Material
Single
sided
Double
sided
Series
operation
Parallel
operation
PJA100F
Active filter
40 to 160
1.2 *1 250V 3.15A Thermistor
FR-4
Yes
Yes
No
Flyback converter 20 to 150 *2
PJA150F
Active filter
40 to 160
1.7 *1
250V 4A
Thermistor
FR-4
Yes
Yes
No
Flyback converter 20 to 150 *2
PJA300F
Active filler
60
3.9 *3
250V 10A
Thermistor
FR-4
Yes
Yes
No
Forward converter
140
PJA600F
Active filler
60
7.5 *3
250V 16A
SCR
FR-4
Yes
Yes
*4
Forward converter
220
PJA1000F
Active filter
65
12.5 *1 250V 20A
TRIAC
FR-4
Yes
Yes
*4
Forward converter
210
PJA1500F
Active filter
65
18.0 *1 250V 30A
TRIAC
FR-4
Yes
Yes
*4
Forward converter
210
*1 The input current shown is at ACIN 100V and 90% load.
*2 The burst mode frequency varies according to the operating conditions. Consult us for more details.
*3 The input current shown is at ACIN 100V and 100% load.
*4 Parallal operation is possible with -W option. see “6.Option and Other” is Instruction Manual.
PJA-series
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com