Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA150F-36-R Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # PJA150F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA150F-36-R Datasheet(HTML) 2 Page - COSEL CO., LTD.

  PJA150F-36-R Datasheet HTML 1Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 2Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 3Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 4Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 5Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 6Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 7Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA150F-36-R Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PJA-2
PJA100F
AC-DC Power Supplies Enclosed Type
PJ
A
100
F
-O
-O
Ordering information
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional *6
C : with Coating
R : Remote on/off
(Required external
power source)
J : EP (Tyco Electronics)
connector type
J1 : VH (J.S.T.)
connector type
T : Vertical terminal block
N2: with DIN rail
See 6.1 in Instruction Manual.
R
1
2
3
4
5
6
SPECIFICATIONS
MODEL
PJA100F-12
PJA100F-15
PJA100F-24
PJA100F-36
PJA100F-48
INPUT
VOLTAGE[V]
AC85 - 264 1f (Output derating is required at AC85V - 115V. Refer to “Derating” and instruction manual 1.1, 3)
CURRENT[A]
ACIN 100V 1.2typ (Io=90%)
ACIN 115V 1.1typ (Io=100%)
ACIN 230V 0.6typ (Io=100%)
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 100V 82typ (Io=90%)
83typ (Io=90%)
85typ (Io=90%)
86typ (Io=90%)
86typ (Io=90%)
ACIN 115V 82typ (Io=100%)
83typ (Io=100%)
85typ (Io=100%)
86typ (Io=100%)
86typ (Io=100%)
ACIN 230V 85typ (Io=100%)
86typ (Io=100%)
88typ (Io=100%)
89typ (Io=100%)
89typ (Io=100%)
POWER FACTOR
ACIN 100V 0.98typ (Io=90%)
ACIN 115V 0.98typ (Io=100%)
ACIN 230V 0.90typ (Io=100%) * Power factor correction is stopped at AC250V or more.
INRUSH CURRENT[A]
ACIN 100V 16typ (Io=90%) Ta=25C at cold start
ACIN 115V 16typ (Io=100%) Ta=25C at cold start
ACIN 230V 32typ (Io=100%) Ta=25C at cold start
LEAKAGE CURRENT[mA]
0.75max (ACIN 240V, 60Hz, Io=100%, According to IEC62368-1 and DEN-AN)
OUTPUT
VOLTAGE[V]
12
15
24
36
48
CURRENT[A]
ACIN 85-115V Output derating is required at ACIN 115V or less (Refer to “Derating”)
ACIN 115V-264V 8.4
6.7
4.3
2.8
2.1
WATTAGE[W]
ACIN 85-115V Output derating is required at ACIN 115V or less (Refer to “Derating”)
ACIN 115V-264V 100.8
100.5
103.2
100.8
100.8
LINE REGULATION[mV]
*3
48max
60max
96max
144max
192max
LOAD REGULATION
[mV]
*3
Io=30 to 100% 100max
120max
150max
150max
300max
Io=0 to 30% Burst operation (Please contact us about detail)
RIPPLE[mVp-p]
*1
Io: load factor
0 to +40C 120max
120max
120max
150max
150max
-10 to 0C 160max
160max
160max
200max
400max
Io=0 to 30% 500max
500max
500max
500max
500max
RIPPLE NOISE[mVp-p]
*1
Io: load factor
0 to +40C 150max
150max
150max
200max
200max
-10 to 0C 180max
180max
180max
240max
500max
Io=0 to 30% 600max
600max
600max
600max
600max
TEMPERATURE REGULATION[mV]
0 to +40C 120max
150max
240max
360max
480max
-10 to +40C 180max
180max
290max
440max
600max
DRIFT[mV]
*2
48max
60max
96max
144max
192max
START-UP TIME[ms]
500typ (ACIN 115V, Io=100%) Ta=25C
HOLD-UP TIME[ms]
20typ (ACIN 115V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 10.80 to 13.20
13.50 to 16.50
21.60 to 26.40
32.40 to 39.60
43.20 to 52.80
OUTPUT VOLTAGE SETTING[V]
12.00 to 12.48
15.00 to 15.60
24.00 to 24.96
36.00 to 37.44
48.00 to 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION[V] 13.80 to 16.80
17.25 to 21.00
27.60 to 33.60
41.40 to 50.40
54.00 to 67.20
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Not provided
REMOTE ON/OFF
Optional (Required external power source. Option -R)
ISOLATION
INPUT-OUTPUT RC
*8
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50MW min (At room temperature)
OUTPUT RC-FG
*8
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
OUTPUT-RC
*8
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE *4 -20 to +70C (Refer to “Derating”), 20 - 90%RH (Non condensing), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axes
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axes
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL62368-1, C-UL (CSA62368-1), EN62368-1, UL508 (Except option -J, -J1) Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC-B, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR *7 Complies with IEC61000-3-2 class A
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
Example recommended EMI/EMC filter
NAC-04-472
* Please consider "PBA100F-5-N" about 5V output with case cover.
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com