Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128PT-D Datasheet (PDF) - STMicroelectronics

LEOAD128PT-D Datasheet PDF - STMicroelectronics
Part # LEOAD128PT-D
Download  LEOAD128PT-D Download
File Size   589.54 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic 8-channel, 1 Msps 12-bit ADC

LEOAD128PT-D Datasheet (PDF)

Go To PDF Page Download Datasheet
LEOAD128PT-D Datasheet PDF - STMicroelectronics

Part # LEOAD128PT-D
Download  LEOAD128PT-D Click to download

File Size   589.54 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic 8-channel, 1 Msps 12-bit ADC

LEOAD128PT-D Datasheet (HTML) - STMicroelectronics


LEOAD128PT-D Product details

Features
• 12-bit SAR architecture
• 1 Msps conversion rate
• 8-to-1-channel input MUX
• 3.3 V operating supply
• SPI, serial digital output
• Power-down function
• Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
• Gold-wires
• RML <1% and CVCM <0.1% guaranteed outgassing
• 50 krad (Si) total ionizing dose
• SEL-free up to 62.5 MeV.cm²/mg
• Mass: 80 mg
• Compliant with ST-LEO-specification

Description
The LEOAD128 is a low power, multiplexed 8-input pure CMOS 12-bit analog-todigital
converter specified for conversion from 50 ksps to 1 Msps. The architecture
is based on a successive-approximation register with internal track-and-hold. The
output serial data is straight binary and is compatible with SPI™.
The analog and digital power supplies operate from 2.7 V to 3.6 V, drawing a current
consumption of only 2 mA maximum.
The LEOAD128 can operate over a large temperature range of -40 °C to +125
°C and it is housed in plastic TSSOP-20, thin-shrink small outline package, 20
leads, using golden bonding and nickel/palladium/golden-lead-finishing to prevent
from whiskers.
The LEOAD128 is compliant with the ST-LEO-specification, dedicated specification
for space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off among footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.

Application
• Low earth orbit (LEO) applications, telemetry, housekeeping




Similar Part No. - LEOAD128PT-D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results


Similar Description - LEOAD128PT-D

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
logo
ams AG
AS1543 AMSCO-AS1543 Datasheet
1Mb / 29P
8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7450 AD-AD7450_17 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com