Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128PT-D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEOAD128PT-D
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128PT-D Datasheet(HTML) 1 Page - STMicroelectronics

  LEOAD128PT-D Datasheet HTML 1Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 2Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 3Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 4Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 5Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 6Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 7Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 8Page - STMicroelectronics LEOAD128PT-D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
12-bit SAR architecture
•
1 Msps conversion rate
•
8-to-1-channel input MUX
•
3.3 V operating supply
•
SPI, serial digital output
•
Power-down function
•
Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
•
Gold-wires
•
RML <1% and CVCM <0.1% guaranteed outgassing
•
50 krad (Si) total ionizing dose
•
SEL-free up to 62.5 MeV.cm²/mg
•
Mass: 80 mg
•
Compliant with ST-LEO-specification
Application
•
Low earth orbit (LEO) applications, telemetry, housekeeping
Description
The LEOAD128 is a low power, multiplexed 8-input pure CMOS 12-bit analog-to-
digital converter specified for conversion from 50 ksps to 1 Msps. The architecture
is based on a successive-approximation register with internal track-and-hold. The
output serial data is straight binary and is compatible with SPI™.
The analog and digital power supplies operate from 2.7 V to 3.6 V, drawing a current
consumption of only 2 mA maximum.
The LEOAD128 can operate over a large temperature range of -40 °C to +125
°C and it is housed in plastic TSSOP-20, thin-shrink small outline package, 20
leads, using golden bonding and nickel/palladium/golden-lead-finishing to prevent
from whiskers.
The LEOAD128 is compliant with the ST-LEO-specification, dedicated specification
for space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off among footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.
Product status link
LEOAD128
Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
LEOAD128
Datasheet
DS13668 - Rev 2 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEOAD128PT-D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results

Similar Description - LEOAD128PT-D

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
logo
ams AG
AS1543 AMSCO-AS1543 Datasheet
1Mb / 29P
8/4-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
REV. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7450 AD-AD7450_17 Datasheet
500Kb / 23P
Differential Input, 1 MSPS 12-Bit ADC
23-Feb-2017
AD7490 AD-AD7490_17 Datasheet
748Kb / 29P
16-Channel, 1 MSPS, 12-Bit ADC
12/12-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com