Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHRPMICL1A Datasheet (PDF) - STMicroelectronics

RHRPMICL1A Datasheet PDF - STMicroelectronics
Part # RHRPMICL1A
Download  RHRPMICL1A Download
File Size   1020.42 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard integrated current limiter

RHRPMICL1A Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRPMICL1A Datasheet PDF - STMicroelectronics

Part # RHRPMICL1A
Download  RHRPMICL1A Click to download

File Size   1020.42 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard integrated current limiter

RHRPMICL1A Datasheet (HTML) - STMicroelectronics


RHRPMICL1A Product details

Features
• Wide-range supply voltage: 8.5 - 90 V DC (Qualified in radiation at VCC from 8.5
V to 52 V)
• Very low DC current: typ. 1.5 mA
• External current limitation setting
• 3 types of operation
– Re-triggerable
– Latched
– Foldback
• Configurable trip-off and recovery times
• Smart current limitation for repetitive overload
• Embedded current sense
• Configurable undervoltage protection
• Floating ground
• Flat-20 hermetic package
• Radiation hardened
– TID : 100 krad (Si) HDR, LDR
– SEL and SEU free up to 78 MeV.cm²/mg
– SET report available upon request
• QML-V qualified SMD 5962-17211
• Evaluation boards available

Description
The RHRPMICL1A is an integrated current limiter designed to work with an external
P-channel power MOSFET.
It can be used as a universal solution to protect a power supply (from 8.5 V) from
anomalous external current demand (for example, in case the load enters latch-up
conditions).
It can protect or replace conventional fuses and can also be used to control
redundant loads.
The RHRPMICL1A features 3 user-configurable operating modes (re-triggerable,
latched, foldback), with different behaviors in case of overload/short-circuit events.
All key parameters of the application, including the current limit, the trip-off and
recovery times and the undervoltage protection are user configurable, making the
RHRPMICL1A suitable for a wide range of applications.
Telemetry pins (STS and TM) and telecommand pins (TC_ON and TC_OFF) allow
the device respectively to be monitored and controlled and the power on the load to
be managed properly.
The RHRPMICL1A is designed in ST's proprietary BCD6s-SOI technology to provide
total dose and heavy ion radiation hardness. Housed in a hermetic Flat-20 package
assembled in ST's QML-V certified facility, it is ideally suited for harsh environments.




Similar Part No. - RHRPMICL1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHRPM4423 STMICROELECTRONICS-RHRPM4423 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423D2V STMICROELECTRONICS-RHRPM4423D2V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423K01V STMICROELECTRONICS-RHRPM4423K01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423K02V STMICROELECTRONICS-RHRPM4423K02V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
RHRPM4423LK01V STMICROELECTRONICS-RHRPM4423LK01V Datasheet
1Mb / 31P
Rad-hard 4.5 A dual inverting low-side MOSFET driver
15-May-2019
More results


Similar Description - RHRPMICL1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
RAD-HARD QUAD BILATERAL SWITCH
14-May-2004
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
logo
ATMEL Corporation
ATF280E ATMEL-ATF280E Datasheet
1Mb / 45P
Rad Hard Reprogrammable FPGA
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
ATMEL Corporation
ATF280F ATMEL-ATF280F_14 Datasheet
5Mb / 107P
Rad-Hard Reprogrammable FPGA
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK6000RH ANAREN-MSK6000RH Datasheet
655Kb / 7P
RAD HARD DUAL HIGH SIDE DRIVER WITH CURRENT SENSE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com