Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5L10111K0CB4 Datasheet (PDF) - STMicroelectronics

RF5L10111K0CB4 Datasheet PDF - STMicroelectronics
Part # RF5L10111K0CB4
Download  RF5L10111K0CB4 Download
File Size   1570.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor

RF5L10111K0CB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5L10111K0CB4 Datasheet PDF - STMicroelectronics

Part # RF5L10111K0CB4
Download  RF5L10111K0CB4 Click to download

File Size   1570.41 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor

RF5L10111K0CB4 Datasheet (HTML) - STMicroelectronics


RF5L10111K0CB4 Product details

Features
• High efficiency and linear gain operations
• Integrated ESD protection
• Internally matched pair transistors in push-pull configuration
• Large positive and negative gate-source voltage range for improved class C
operation
• Excellent thermal stability, low HCI drift
• In compliance with the European directive 2002/95/EC

Description
The RF5L10111K0CB4 is a 1000 W, 50 V high performance, internally matched
LDMOS transistor, designed for avionic applications in the frequency range from
1030 to 1090 MHz.

Applications
• Avionic applications from 1030 to 1090 MHz




Similar Part No. - RF5L10111K0CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L1214750CB4 STMICROELECTRONICS-RF5L1214750CB4 Datasheet
2Mb / 12P
750 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
RF5L15120CB4 STMICROELECTRONICS-RF5L15120CB4 Datasheet
975Kb / 11P
120 W 50 V RF power LDMOS transistor from HF to 1.5 GHz
More results


Similar Description - RF5L10111K0CB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011-200.112 PHILIPS-BLA1011-200.112 Datasheet
83Kb / 13P
200 W LDMOS avionics power transistor for transmitter applications at frequencies from 1030 MHz to 1090 MHz.
Rev. 08-26 October 2005
logo
Infineon Technologies A...
PTVA101K02EV INFINEON-PTVA101K02EV Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
23-Dec-2021
RF5L0912750CB4 STMICROELECTRONICS-RF5L0912750CB4 Datasheet
1Mb / 13P
750 W, 50 V, 960 to 1215 MHz RF power LDMOS transistor
22-Sep-2021
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
STAC1214-350 STMICROELECTRONICS-STAC1214-350 Datasheet
330Kb / 12P
350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
04-Aug-2020
logo
WOLFSPEED, INC.
PTVA101K02EV WOLFSPEED-PTVA101K02EV Datasheet
511Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 04, 2023-07-07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com